Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3D7408 Datasheet(PDF) 4 Page - Data Delay Devices, Inc.

Part No. 3D7408
Description  MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DATADELAY [Data Delay Devices, Inc.]
Homepage  http://www.datadelay.com
Logo 

3D7408 Datasheet(HTML) 4 Page - Data Delay Devices, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3D7408
Doc #96003
DATA DELAY DEVICES, INC.
4
12/2/96
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
APPLICATION NOTES (CONT’D)
pin (SI) of the succeeding device, as illustrated in
Figure 5. The total number of serial data bits in
a cascade configuration must be eight times the
number of units, and each group of eight bits
must be transmitted in MSB-to-LSB order.
To initiate a serial read, enable (AE) is driven
high. After a time tEQV , bit 7 (MSB) is valid at
the serial output port pin (SO). On the first rising
edge of the serial clock (SC), bit 7 is loaded with
the value present at the serial data input pin (SI),
while bit 6 is presented at the serial output pin
(SO). To retrieve the remaining bits seven more
rising edges must be generated on the serial
clock line. The read operation is destructive.
Therefore, if it is desired that the original delay
setting remain unchanged, the read data must be
written back to the device(s) before the enable
(AE) pin is brought low.
Pin 3, if unused, must be allowed to float if the
device is configured in the serial programming
mode.
PROGRAMMABLE
DELAY LINE
LATCH
8-BIT INPUT
REGISTER
MD
SC
SI
AE
IN
SO
OUT
P0
P1
P2
P3
P4
P5
P6
P7
MODE SELECT
SHIFT CLOCK
SERIAL INPUT
ADDRESS ENABLE
SIGNAL IN
SIGNAL OUT
SERIAL OUTPUT
PARALLEL INPUTS
Figure1: Functional block diagram
PREVIOUS VALUE
PREVIOUS VALUE
NEW VALUE
NEW VALUE
tPDX
tPDV
PARALLEL
INPUTS
P0-P7
DELAY
TIME
Figure 2: Non-latched parallel mode (MD=1, AE=1)
PREVIOUS VALUE
NEW VALUE
NEW VALUE
tEDX
tEDV
PARALLEL
INPUTS
P0-P7
DELAY
TIME
tDSE
tDHE
tEW
ENABLE
(AE)
Figure 3: Latched parallel mode (MD=1)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn