Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3D7304 Datasheet(PDF) 4 Page - Data Delay Devices, Inc.

Part No. 3D7304
Description  MONOLITHIC QUADRUPLE FIXED DELAY LINE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7304 Datasheet(HTML) 4 Page - Data Delay Devices, Inc.

  3D7304 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7304 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7304 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7304 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3D7304
Doc #96002
DATA DELAY DEVICES, INC.
4
12/2/96
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
SILICON DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature: 25
oC
± 3oC
Rload:
10K
Ω ± 10%
Supply Voltage (Vcc): 5.0V
± 0.1V
Cload:
5pf
± 10%
Input Pulse:
High = 3.0V
± 0.1V
Threshold:
1.5V (Rising & Falling)
Low = 0.0V
± 0.1V
Source Impedance:
50
Ω Max.
Rise/Fall Time:
3.0 ns Max. (measured
between 0.6V and 2.4V )
Pulse Width:
PWIN = 1.25 x Total Delay
Period:
PERIN = 2.5 x Total Delay
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
10K
470
5pf
Device
Under
Test
Digital
Scope
OUT1
OUT2
OUT4
OUT3
OUT
TRIG
IN
REF
TRIG
Figure 2: Test Setup
DEVICE UNDER
TEST (DUT)
DIGITAL SCOPE/
TIME INTERVAL COUNTER
PULSE
GENERATOR
IN4
COMPUTER
SYSTEM
PRINTER
IN3
IN2
IN1
Figure 3: Timing Diagram
tPLH
tPHL
PERIN
PWIN
tRISE
tFALL
0.6V
0.6V
1.5V
1.5V
2.4V
2.4V
1.5V
1.5V
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
3D7314 MONOLITHIC QUADRUPLE FIXED DELAY LINE SERIES 3D7314 1  2  3  4  Data Delay Devices, Inc.
3D3215 MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE 1  2  3  4  List of Unclassifed Manufacturers
3D7215 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7215 - LOW NOISE 1  2  3  4  Data Delay Devices, Inc.
3D7303 MONOLITHIC TRIPLE FIXED DELAY LINE 1  2  3  4  Data Delay Devices, Inc.
3D7220 MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D7220 1  2  3  4  Data Delay Devices, Inc.
3D7225 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7225 1  2  3  4  Data Delay Devices, Inc.
3D7010 MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D7010 1  2  3  4  Data Delay Devices, Inc.
3D7105 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7105 1  2  3  4  Data Delay Devices, Inc.
3D3220 MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D3220 1  2  3  4  Data Delay Devices, Inc.
3D7205 MONOLITHIC 5-TAP FIXED DELAY LINE 1  2  3  4  Data Delay Devices, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn