Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3D7304 Datasheet(PDF) 3 Page - Data Delay Devices, Inc.

Part No. 3D7304
Description  MONOLITHIC QUADRUPLE FIXED DELAY LINE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7304 Datasheet(HTML) 3 Page - Data Delay Devices, Inc.

  3D7304 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7304 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7304 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7304 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3D7304
Doc #96002
DATA DELAY DEVICES, INC.
3
12/2/96
3 Mt. Prospect Ave. Clifton, NJ 07013
APPLICATION NOTES (CONT’D)
custom reference designator identifying the
intended frequency and duty cycle of operation.
The programmed delay accuracy of the device is
guaranteed, therefore, only for the user specified
input characteristics. Small input pulse width
variation about the selected pulse width will only
marginally impact the programmed delay
accuracy, if at all. Nevertheless, it is strongly
recommended that the engineering staff at
DATA DELAY DEVICES be consulted.
POWER SUPPLY AND
TEMPERATURE CONSIDERATIONS
The delay of CMOS integrated circuits is strongly
dependent on power supply and temperature.
The monolithic 3D7304 programmable delay line
utilizes novel and innovative compensation
circuitry to minimize the delay variations induced
by fluctuations in power supply and/or
temperature.
The thermal coefficient is reduced to 600
PPM/C, which is equivalent to a variation , over
the 0C-70C operating range, of
±±3% from the
room-temperature delay settings and/or 1.0ns,
whichever is greater. The power supply
coefficient is reduced, over the 4.75V-5.25V
operating range, to
±±1% of the delay settings at
the nominal 5.0VDC power supply and/or 2.0ns,
whichever is greater. It is essential that the
power supply pin be adequately bypassed
and filtered. In addition, the power bus
should be of as low an impedance
construction as possible. Power planes are
preferred.
DEVICE SPECIFICATIONS
TABLE 2: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VDD
-0.3
7.0
V
Input Pin Voltage
VIN
-0.3
VDD+0.3
V
Input Pin Current
IIN
-1.0
1.0
mA
25C
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 3: DC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V)
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
Static Supply Current*
IDD
30
mA
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
High Level Input Current
IIH
1
µA
VIH = VDD
Low Level Input Current
IIL
1
µA
VIL = 0V
High Level Output Current
IOH
-4.0
mA
VDD = 4.75V
VOH = 2.4V
Low Level Output Current
IOL
4.0
mA
VDD = 4.75V
VOL = 0.4V
Output Rise & Fall Time
TR & TF
2
ns
CLD = 5 pf
*IDD(Dynamic) = 3 * CLD * VDD * F
Input Capacitance = 10 pf typical
where:
CLD = Average capacitance load/line (pf)
Output Load Capacitance (CLD) = 25 pf max
F = Input frequency (GHz)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
3D7314 MONOLITHIC QUADRUPLE FIXED DELAY LINE SERIES 3D7314 1  2  3  4  Data Delay Devices, Inc.
3D3215 MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE 1  2  3  4  List of Unclassifed Manufacturers
3D7215 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7215 - LOW NOISE 1  2  3  4  Data Delay Devices, Inc.
3D7303 MONOLITHIC TRIPLE FIXED DELAY LINE 1  2  3  4  Data Delay Devices, Inc.
3D7220 MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D7220 1  2  3  4  Data Delay Devices, Inc.
3D7225 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7225 1  2  3  4  Data Delay Devices, Inc.
3D7010 MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D7010 1  2  3  4  Data Delay Devices, Inc.
3D7105 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7105 1  2  3  4  Data Delay Devices, Inc.
3D3220 MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D3220 1  2  3  4  Data Delay Devices, Inc.
3D7205 MONOLITHIC 5-TAP FIXED DELAY LINE 1  2  3  4  Data Delay Devices, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn