Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUC16373DGGR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUC16373DGGR
Description  16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC16373DGGR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AUC16373DGGR Datasheet HTML 3Page - Texas Instruments SN74AUC16373DGGR Datasheet HTML 4Page - Texas Instruments SN74AUC16373DGGR Datasheet HTML 5Page - Texas Instruments SN74AUC16373DGGR Datasheet HTML 6Page - Texas Instruments SN74AUC16373DGGR Datasheet HTML 7Page - Texas Instruments SN74AUC16373DGGR Datasheet HTML 8Page - Texas Instruments SN74AUC16373DGGR Datasheet HTML 9Page - Texas Instruments SN74AUC16373DGGR Datasheet HTML 10Page - Texas Instruments SN74AUC16373DGGR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MTSS003D – JANUARY 1995 – REVISED JANUARY 1998
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGG (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040078 / F 12/97
48 PINS SHOWN
0,25
0,15 NOM
Gage Plane
6,00
6,20
8,30
7,90
0,75
0,50
Seating Plane
25
0,27
0,17
24
A
48
1
1,20 MAX
M
0,08
0,10
0,50
0
°–8°
56
14,10
13,90
48
DIM
A MAX
A MIN
PINS **
12,40
12,60
64
17,10
16,90
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - SN74AUC16373DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374 TI1-SN74AUC16374 Datasheet
477Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374DGGR TI-SN74AUC16374DGGR Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374DGGR TI1-SN74AUC16374DGGR Datasheet
477Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374DGVR TI-SN74AUC16374DGVR Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AUC16373DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ABT16373A-EP TI1-SN74ABT16373A-EP Datasheet
104Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373DGGR TI-SN74LVC16373DGGR Datasheet
484Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373 TI1-SN74LVC16373_14 Datasheet
487Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16373 PERICOM-PI74ALVCH16373 Datasheet
91Kb / 5P
   16-Bit Transparent D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162373 TI-SN74ALVCH162373 Datasheet
215Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com