Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM5118160B Datasheet(PDF) 2 Page - OKI electronic componets

Part No. MSM5118160B
Description  1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5118160B Datasheet(HTML) 2 Page - OKI electronic componets

  MSM5118160B Datasheet HTML 1Page - OKI electronic componets MSM5118160B Datasheet HTML 2Page - OKI electronic componets MSM5118160B Datasheet HTML 3Page - OKI electronic componets MSM5118160B Datasheet HTML 4Page - OKI electronic componets MSM5118160B Datasheet HTML 5Page - OKI electronic componets MSM5118160B Datasheet HTML 6Page - OKI electronic componets MSM5118160B Datasheet HTML 7Page - OKI electronic componets MSM5118160B Datasheet HTML 8Page - OKI electronic componets MSM5118160B Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2/16
¡ Semiconductor
MSM5118160B
PIN CONFIGURATION (TOP VIEW)
A9
A8
A7
A6
A5
A4
NC
NC
A0
A1
A2
A3
A9
A8
A7
A6
A5
A4
NC
NC
A0
A1
A2
A3
1
2
3
4
5
6
7
8
9
10
11
12
13
21
22
30
31
32
33
34
35
36
37
38
39
40
41
42
VCC
DQ1
DQ2
DQ3
DQ4
VCC
DQ5
DQ6
DQ7
DQ8
NC
NC
WE
VCC
VSS
UCAS
LCAS
NC
DQ9
DQ10
DQ11
DQ12
VSS
DQ13
DQ14
DQ15
DQ16
VSS
14
29
RAS
OE
15
28
NC
A9
16
27
NC
A8
17
26
A0
A7
18
25
A1
A6
19
24
A2
A5
20
23
A3
A4
1
2
3
4
5
6
7
8
9
10
11
25
26
40
41
42
43
44
45
46
47
48
49
50
VCC
DQ1
DQ2
DQ3
DQ4
VCC
DQ5
DQ6
DQ7
DQ8
NC
VCC
VSS
NC
DQ9
DQ10
DQ11
DQ12
VSS
DQ13
DQ14
DQ15
DQ16
VSS
15
36
NC
NC
16
35
NC
LCAS
17
34
WE
UCAS
18
33
RAS
OE
19
32
20
31
21
30
22
29
23
28
24
27
1
2
3
4
5
6
7
8
9
10
11
25
26
40
41
42
43
44
45
46
47
48
49
50
VCC
DQ1
DQ2
DQ3
DQ4
VCC
DQ5
DQ6
DQ7
DQ8
NC
VCC
VSS
NC
DQ9
DQ10
DQ11
DQ12
VSS
DQ13
DQ14
DQ15
DQ16
VSS
15
36
NC
NC
16
35
NC
LCAS
17
34
WE
UCAS
18
33
RAS
OE
19
32
20
31
21
30
22
29
23
28
24
27
42-Pin Plastic SOJ
50/44-Pin Plastic TSOP
(K Type)
50/44-Pin Plastic TSOP
(L Type)


Note :
The same power supply voltage must be provided to every VCC pin, and the same GND
voltage level must be provided to every VSS pin.
Pin Name
Function
A0 - A9
Address Input
RAS
Row Address Strobe
LCAS
Lower Byte Column Address Strobe
DQ1 - DQ16
Data Input/Data Output
OE
Output Enable
WE
Write Enable
VCC
Power Supply (5 V)
NC
No Connection
UCAS
Upper Byte Column Address Strobe
VSS
Ground (0 V)


Similar Part No. - MSM5118160B

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160D OKI-MSM5118160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160DSL OKI-MSM5118160DSL Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160F OKI-MSM5118160F Datasheet
173Kb / 15P
   1,048,576-Word 횞 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM5118160B

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160D OKI-MSM5118160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160A OKI-MSM51V18160A Datasheet
1Mb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160A OKI-MSM51V16160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160D OKI-MSM51V18160D Datasheet
469Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160F OKI-MSM51V16160F Datasheet
228Kb / 16P
   1,048,576-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160 OKI-MSM5116160 Datasheet
568Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160F OKI-MSM51V18160F Datasheet
177Kb / 15P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160D OKI-MSM51V16160D Datasheet
469Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz