Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OM9375 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. OM9375
Description  25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

OM9375 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2.1 - 3
OM9375
ABSOLUTE MAXIMUM RATINGS
Motor Supply Voltage, Vm .................................................. 160 Vdc
Peak Motor Supply Voltage Vm pK ........................................... 200 Vdc
Average Phase Output Current, Io ................................... 25 Amperes DC*
Peak Phase Output Current, Iom ................................... 50 Amperes Peak**
Control Supply Voltage, Vcc ................................................... +18 V
Logic Input Voltage (Note 1) ............................................ -0.3 V to +8 V
Reference Source Current ................................................ -30 mAdc
Error Amplifier Input Voltage Range, (EA1+/EA1-) .................... -0.3 Vdc to 10 Vdc
Error Amplifier Output Current .............................................. ±8 mAdc
Spare Amplifier Input Voltage (EA2+/EA2-)........................... -0.3 Vdc to 10 Vdc
Spare Amplifier Output Current ............................................. ±8 mAdc
Current Sense Amplifier Input Voltage (ISH/ISL) ....................... -0.3 V to +6 Vdc
Current Sense Amplifier Output Current .....................................±10 mAdc
Tachometer Output Current ................................................±10 mAdc
PWM Input Voltage ..............................................- 0.3 Vdc to +6 Vdc
Operating Junction Temperature .....................................-55°C to +150° C
Storage Temperature Range ........................................-65° C to +150° C
Power Switch Junction-to-Case Thermal Resistance, R
θjc...................... 0.35°C/W
Package Isolation Voltage ................................................. 600 Vrms
Lead Soldering Temperature .............300°C, 10 seconds maximum, 0.125” from case
* Tcase = 25° C
** Tcase = 25° C, Maximum pulse width = 10mSec
RECOMMENDED OPERATING CONDITIONS (Tcase = 25° C)
Motor Power Supply Voltage, Vm ........................................... + 7 4 Vdc
Average Phase Output Current, IO
With Internal Current Sense Resistor (Note 2)
Each Power Switch .............................................25 A
Control Supply Voltage, Vcc ............................................ 15Vdc ±10%
Logic Low Input Voltage, Vil ........................................... 0.8 Vdc (max)
Logic High Input Voltage, Vih ........................................... 2.0 Vdc (min)
Note 1: Logic Inputs: Direction, Hall Inputs (H1...H3) Overvoltage - Coast, Speed, and Quad Select.
Note 2: The internal 5m
Ω current sense resistor is limited to 6 Wdc power dissipation. Other values are available.
Please contact the factory for more information.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn