Electronic Components Datasheet Search |
|
N16B-0558-B720 Datasheet(PDF) 1 Page - Fujitsu Component Limited. |
|
N16B-0558-B720 Datasheet(HTML) 1 Page - Fujitsu Component Limited. |
1 / 7 page STANDARD Resistive Touch Panel Specification FID-550 7-Wire Series s PART NUMBERS Touch Panels: s FEATURES • Superior long life, using a unique construction method offering improved life over typical technologies; by sensing data input only on the glass layer, typically a 10x improvement in product life is achived. • Excellent specification and high quality - Anti-Newton ring technology - High reliability materials • Pen/Finger, Pen Only, Finger Only, Light Touch types available • Transparency 80% - typical r e b m u N t r a Pe z i Se p y T 2 0 3 T - 0 1 5 0 - 0 1 0 N" 7 1r e g n i F / n e P 1 1 2 T - 0 1 5 0 - 0 1 0 N" 5 1r e g n i F / n e P 3 1 9 T - 0 5 5 0 - 0 1 0 N" 3 . 3 1r e g n i F / n e P 1 1 7 T - 0 5 5 0 - 0 1 0 N" 1 . 2 1r e g n i F / n e P 2 4 2 T - 1 5 5 0 - 0 1 0 N" 1 . 2 1) e p y t h c u o t t h g il ( r e g n i F / n e P 1 1 8 T - 0 5 5 0 - 0 1 0 N3 . 1 1r e g n i F / n e P 1 0 6 T - 0 5 5 0 - 0 1 0 N" 4 . 0 1y l n o n e P 1 1 6 T - 0 5 5 0 - 0 1 0 N" 4 . 0 1r e g n i F / n e P 1 2 6 T - 0 5 5 0 - 0 1 0 N" 4 . 0 1) e p y t h c u o t t h g il ( r e g n i F / n e P 1 1 5 T - 0 5 5 0 - 0 1 0 N" 5 . 9r e g n i F / n e P 1 4 3 T - 0 5 5 0 - 0 1 0 N" 4 . 8r e g n i F / n e P Input Panel Panel Drive change over switch Noise Filter MCU Control Section A/D converter Interface s PART NUMBERS Controller Boards: s PART NUMBERS Interface Controller Chips: r e b m u N t r a Pe p y T 2 2 0 V - 9 5 5 0 - 0 1 0 N2 3 2 S R , e r i W - 7 5 1 0 0 - 0 2 1 1 4 C NB S U , e r i W - 7 r e b m u N t r a Pe p y T 0 4 2 B - 8 5 5 0 - B 6 1 N2 3 2 S R , e r i W - 7 0 2 7 B - 8 5 5 0 - B 6 1 NB S U , e r i W - 7 |
Similar Part No. - N16B-0558-B720 |
|
Similar Description - N16B-0558-B720 |