Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF5S21090HR3 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF5S21090HR3
Description  To be Used in class AB for PCN-PCS/cellularradio and WLL applications.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF5S21090HR3 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF5S21090HR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF5S21090HR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF5S21090HR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF5S21090HR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF5S21090HR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF5S21090HR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF5S21090HR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF5S21090HR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF5S21090HR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
RF Device Data
Freescale Semiconductor
MRF5S21090HR3 MRF5S21090HSR3
TYPICAL CHARACTERISTICS
Figure 8. 2 - Carrier W - CDMA ACPR, IM3,
Power Gain and Drain Efficiency
versus Output Power
0
−55
Pout, POWER (WATTS) W−CDMA
30
−25
25
−30
20
−35
15
−40
5
−50
110
ηD
Gps
ACPR
IM3
−45
10
VDD = 28 Vdc, IDQ = 850 mA, f1 = 2135 MHz,
f2 = 2145 MHz, 2 x W−CDMA, 10 MHz
@ 3.84 MHz Bandwidth, Peak/Avg. = 8.5 dB
@ 0.01% Probability (CCDF)
−15
−20
40
35
220
109
100
TJ, JUNCTION TEMPERATURE (°C)
Figure 9. MTTF Factor versus Junction Temperature
108
107
106
120
140
160
180
200
10
.0001
100
0
PEAK−TO−AVERAGE (dB)
Figure 10. CCDF W - CDMA 3GPP, Test Model 1,
64 DPCH, 67% Clipping, Single Carrier Test Signal
10
1
0.1
0.01
0.001
24
68
Figure 11. 2-Carrier W-CDMA Spectrum
f, FREQUENCY (MHz)
−110
−120
−70
−20
−80
−60
−50
−90
−100
−40
−30
3.84 MHz
Channel BW
−IM3 @
3.84 MHz BW
+IM3 @
3.84 MHz BW
−ACPR @
3.84 MHz BW
+ACPR @
3.84 MHz BW
20
515
10
0
−5
−10
−15
−20
−25
25
This above graph displays calculated MTTF in hours x ampere2
drain current. Life tests at elevated temperatures have correlated to
better than
±10% of the theoretical prediction for metal failure. Divide
MTTF factor by ID2 for MTTF in a particular application.
W - CDMA TEST SIGNAL


Similar Part No. - MRF5S21090HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF5S21090HR3 FREESCALE-MRF5S21090HR3 Datasheet
403Kb / 12P
   RF Power Field Effect Transistors
MRF5S21090HR3 FREESCALE-MRF5S21090HR3 Datasheet
444Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF5S21090HR3 FREESCALE-MRF5S21090HR3_06 Datasheet
403Kb / 12P
   RF Power Field Effect Transistors
MRF5S21090HR3 FREESCALE-MRF5S21090HR3_08 Datasheet
444Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results

Similar Description - MRF5S21090HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF5S21100HR3 FREESCALE-MRF5S21100HR3 Datasheet
395Kb / 12P
   To be Used in class AB for PCN-PCS/cellularradio and WLL applications.
logo
M/A-COM Technology Solu...
CSM2-13 MA-COM-CSM2-13 Datasheet
100Kb / 3P
   PCS/WLL Applications
CSM2-17 MA-COM-CSM2-17 Datasheet
100Kb / 3P
   PCS/WLL Applications
CSM2-10 MA-COM-CSM2-10 Datasheet
91Kb / 3P
   PCS/WLL Applications
CSM12-13 MA-COM-CSM12-13 Datasheet
89Kb / 3P
   Low Cost High IP3 Mixer for PCS/WLL Applications
logo
Tyco Electronics
CSM2-10 MACOM-CSM2-10 Datasheet
236Kb / 3P
   Low Cost High IP3 Mixer for PCS/WLL Applications
logo
M/A-COM Technology Solu...
CSM2-13 MA-COM-CSM2-13 Datasheet
100Kb / 3P
   Low Cost High IP3 Mixer for PCS/WLL Applications
logo
Tyco Electronics
CSM11-13 MACOM-CSM11-13 Datasheet
171Kb / 3P
   Low Cost High IP3 Mixer for PCS/WLL Applications
CSM2-13 MACOM-CSM2-13 Datasheet
216Kb / 3P
   Low Cost High IP3 Mixer for PCS/WLL Applications
CSM2-17 MACOM-CSM2-17 Datasheet
214Kb / 3P
   Low Cost High IP3 Mixer for PCS/WLL Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com