Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8760 Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # MAX8760
Description  Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8760 Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button MAX8760 Datasheet HTML 24Page - Maxim Integrated Products MAX8760 Datasheet HTML 25Page - Maxim Integrated Products MAX8760 Datasheet HTML 26Page - Maxim Integrated Products MAX8760 Datasheet HTML 27Page - Maxim Integrated Products MAX8760 Datasheet HTML 28Page - Maxim Integrated Products MAX8760 Datasheet HTML 29Page - Maxim Integrated Products MAX8760 Datasheet HTML 30Page - Maxim Integrated Products MAX8760 Datasheet HTML 31Page - Maxim Integrated Products MAX8760 Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Dual-Phase, Quick-PWM Controller for AMD
Mobile Turion 64 CPU Core Power Supplies
28
______________________________________________________________________________________
Together, the feedback-sense resistor (RFBS) and
GNDS input sum the remote-sense voltages with the
feedback signals that set the voltage-positioned output,
enabling true differential remote sense of the processor
voltage. Connect the feedback-sense resistor (RFBS)
and ground-sense input (GNDS) directly to the proces-
sor’s core supply remote-sense outputs as shown in the
Standard Applications Circuit.
Offset Amplifier
The multiphase quick-PWM controllers include a third
amplifier used to add small offsets to the voltage-posi-
tioned load line. The offset amplifier is summed directly
with the feedback voltage, making the offset gain inde-
pendent of the DAC code. This amplifier has the ability
to offset the output by ±100mV.
The offset is adjusted using resistive voltage-dividers at
the OFS input. For inputs from 0 to 0.8V, the offset
amplifier adds a negative offset to the output that is
equal to 1/8 the voltage appearing at the selected OFS
input (VOUT = VDAC - 0.125 x VOFS). For inputs from
1.2V to 2V, the offset amplifier adds a positive offset to
the output that is equal to 1/8th the difference between
the reference voltage and the voltage appearing at the
selected OFS input (VOUT = VDAC + 0.125 x (VREF -
VOFS)). With this scheme, the controller supports both
positive and negative offsets with a single input. The
piecewise linear transfer function is shown in the
Typical Operating Characteristics. The regions of the
transfer function below zero, above 2V, and between
0.8V and 1.2V are undefined. OFS inputs are disal-
lowed in these regions, and the respective effects on
the output are not specified.
The controller disables the offset amplifier during sus-
pend mode (SUS = REF or high).
Forced-PWM Operation (Normal Mode)
During normal mode, when the CPU is actively running
(SKIP = high, Table 7), the quick-PWM controller oper-
ates with the low-noise forced-PWM control scheme.
Forced-PWM operation disables the zero-crossing
comparator, forcing the low-side gate-drive waveform
to be constantly the complement of the high-side gate-
drive waveform. This keeps the switching frequency
fairly constant and allows the inductor current to
reverse under light loads, providing fast, accurate neg-
ative output voltage transitions by quickly discharging
the output capacitors.
Forced-PWM operation comes at a cost: the no-load 5V
bias supply current remains between 10mA to 60mA
per phase, depending on the external MOSFETs and
switching frequency. To maintain high efficiency under
light-load conditions, the processor may switch the
controller to a low-power pulse-skipping control
scheme after entering suspend mode.
Table 7. S
SK
KIIP
P Settings*
SKIP
CONNECTION
MODE
OPERATION
High
(3.3V or VCC)
Two-phase
forced PWM
The controller operates with a constant switching frequency, providing low-noise forced-PWM
operation. The controller disables the zero-crossing comparators, forcing the low-side gate-
drive waveform to be constantly the complement of the high-side gate-drive waveform.
REF
Two-phase
pulse skipping
The controller automatically switches over to PFM operation under light loads. The controller
keeps both phases active and uses the automatic pulse-skipping control scheme, alternating
between the primary and secondary phases with each cycle.
GND
One-phase
pulse skipping
The controller automatically switches over to PFM operation under light loads. Only the main
phase is active. The secondary phase is disabled, DLS and DHS are pulled low, so LXS is
high impedance.
*Settings for a dual 180° out-of-phase controller.
-200
-100
0
100
200
0
1.0
0.5
0.8
1.2
1.5
2.0
OFS VOLTAGE (V)
UNDEFINED
REGION
Figure 6. Offset Voltage


Similar Part No. - MAX8760

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX876 MAXIM-MAX876 Datasheet
298Kb / 8P
   Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 1; 10/92
MAX876 MAXIM-MAX876 Datasheet
384Kb / 12P
   Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 3; 6/07
MAX8761 MAXIM-MAX8761 Datasheet
618Kb / 25P
   Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
MAX8761ETG++ MAXIM-MAX8761ETG+ Datasheet
618Kb / 25P
   Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
MAX8764 MAXIM-MAX8764 Datasheet
597Kb / 23P
   High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 0; 3/05
More results

Similar Description - MAX8760

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1544 MAXIM-MAX1544 Datasheet
904Kb / 42P
   Dual-Phase, Quick-PWM Controller for AMD Hammer CPU Core Power Supplies
19-2745; Rev 1; 9/03
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Maxim Integrated Produc...
MAX17410 MAXIM-MAX17410 Datasheet
979Kb / 45P
   Dual-Phase, Quick-PWM Controller for IMVP6 CPU Core Power Supplies
Rev 0; 1/09
logo
Renesas Technology Corp
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Maxim Integrated Produc...
MAX17582 MAXIM-MAX17582 Datasheet
755Kb / 42P
   Dual-Phase, Quick-PWM Controller for IMVP-6.5 CPU Core Power Supplies
Rev 0; 7/09
MAX1519 MAXIM-MAX1519 Datasheet
826Kb / 43P
   Dual-Phase, Quick-PWM Controllers for Programmable CPU Core Power Supplies
Rev 1; 9/03
MAX8770 MAXIM-MAX8770 Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
   Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
MAX8707 MAXIM-MAX8707 Datasheet
780Kb / 37P
   Multiphase, Fixed-Frequency Controller for AMD Hammer CPU Core Power Supplies
Rev 0; 8/04
logo
Richtek Technology Corp...
RT8167A RICHTEK-RT8167A Datasheet
659Kb / 40P
   Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com