Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS93C66-3GR Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS93C66-3GR
Description  4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS93C66-3GR Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS93C66-3GR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS93C66-3GR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS93C66-3GR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS93C66-3GR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS93C66-3GR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS93C66-3GR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS93C66-3GR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS93C66-3GR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS93C66-3GR Datasheet HTML 10Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. G
04/26/01
IS93C66-3
ISSI®
AC ELECTRICAL CHARACTERISTICS
TA = 0°C to +70°C for IS93C66-3 and –40°C to +85°C for IS93C66-3.
IS93C66-3
IS93C66-3I
Symbol
Parameter
Test Conditions
Vcc
Min.
Max.
Min.
Max.
Unit
fSK
SK Clock Frequency
2.7V to 6.0V
0
1
0
1
MHz
4.5V to 6.0V
0
1
0
1
MHz
tSKH
SK HIGH Time
2.7V to 6.0V
500
500
ns
4.5V to 6.0V
250
250
tSKL
SK LOW Time
2.7V to 6.0V
1
1
µs
4.5V to 6.0V
250
250
ns
tCS
Minimum CS LOW Time
2.7V to 6.0V
500
500
ns
4.5V to 6.0V
250
250
tCSS
CS Setup Time
Relative to SK
2.7V to 6.0V
100
100
ns
4.5V to 6.0V
50
50
ns
tDIS
DIN Setup Time
Relative to SK
2.7V to 6.0V
200
200
ns
4.5V to 6.0V
100
100
ns
tCSH
CS Hold Time
Relative to SK
2.7V to 6.0V
0
0
ns
4.5V to 6.0V
0
0
tDIH
DIN Hold Time
Relative to SK
2.7V to 6.0V
400
400
ns
4.5V to 6.0V
100
100
tPD1
Output Delay to “1”
AC Test
2.7V to 6.0V
500
500
ns
4.5V to 6.0V
500
500
tPD0
Output Delay to “0”
AC Test
2.7V to 6.0V
500
500
ns
4.5V to 6.0V
500
500
tSV
CS to Status Valid
AC Test, CL = 100 pF
2.7V to 6.0V
500
500
ns
4.5V to 6.0V
500
500
tDF
CS to DOUT in 3-state
CS = VIL
2.7V to 6.0V
200
200
ns
4.5V to 6.0V
100
100
tWP
Write Cycle Time
2.7V to 6.0V
10
10
ms
4.5V to 6.0V
10
10


Similar Part No. - IS93C66-3GR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C66A ISSI-IS93C66A Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66A-2GRI ISSI-IS93C66A-2GRI Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66A-2GRLI ISSI-IS93C66A-2GRLI Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66A-2PI ISSI-IS93C66A-2PI Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66A-2PLI ISSI-IS93C66A-2PLI Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS93C66-3GR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS24C16 ISSI-IS24C16 Datasheet
76Kb / 10P
   16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC56 ROHM-BR93LC56 Datasheet
127Kb / 12P
   2,048-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46B ISSI-IS93C46B Datasheet
67Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com