Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM5117405F Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSM5117405F
Description  4,194,304-Word × 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM5117405F Datasheet(HTML) 1 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FEDD5117405F-01
1Semiconductor
This version: June. 2000
Previous version :
MSM5117405F
4,194,304-Word
×××× 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
1/17
DESCRIPTION
The MSM5117405F is a 4,194,304-word
× 4-bit dynamic RAM fabricated in Oki’s silicon-gate CMOS
technology. The MSM5117405F achieves high integration, high-speed operation, and low-power
consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer metal
CMOS process. The MSM5117405F is available in a 26/24-pin plastic SOJ or 26/24-pin plastic TSOP.
FEATURES
4,194,304-word
× 4-bit configuration
Single 5V power supply,
±10% tolerance
Input
: TTL compatible, low input capacitance
Output : TTL compatible, 3-state
Refresh : 2048 cycles/32ms
Fast page mode with EDO, read modify write capability
CAS before RAS refresh, hidden refresh, RAS-only refresh capability
∙ Packages
26/24-pin 300mil plastic SOJ
(
SOJ26/24-P-300-1.27)
(Product : MSM5117405F-xxSJ)
26/24-pin 300mil plastic TSOP (TSOPII26/24-P-300-0.80-K) (Product : MSM5117405F-xxTS-K)
xx indicates speed rank.
PRODUCT FAMILY
Access Time (Max.)
Power Dissipation
Family
tRAC
tAA
tCAC
tOEA
Cycle Time
(Min.)
Operating
(Max.)
Standby
(Max.)
50ns
25ns
13ns
13ns
84ns
550mW
60ns
30ns
15ns
15ns
104ns
495mW
MSM5117405F
70ns
35ns
20ns
20ns
124ns
440mW
5.5mW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn