Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114Y Datasheet(PDF) 6 Page - Rohm

Part # DTA114Y
Description  DIGITAL TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA114Y Datasheet(HTML) 6 Page - Rohm

  DTA114Y Datasheet HTML 1Page - Rohm DTA114Y Datasheet HTML 2Page - Rohm DTA114Y Datasheet HTML 3Page - Rohm DTA114Y Datasheet HTML 4Page - Rohm DTA114Y Datasheet HTML 5Page - Rohm DTA114Y Datasheet HTML 6Page - Rohm DTA114Y Datasheet HTML 7Page - Rohm DTA114Y Datasheet HTML 8Page - Rohm DTA114Y Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
This Material Copyrighted By Its Respective Manufacturer


Similar Part No. - DTA114Y

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA114Y ONSEMI-DTA114Y Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Rohm
DTA114Y ROHM-DTA114Y Datasheet
878Kb / 3P
   DTA/DTC SERIES
logo
Unisonic Technologies
DTA114Y UTC-DTA114Y Datasheet
96Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA114Y UTC-DTA114Y Datasheet
197Kb / 3P
   DIGITAL TRANSISTOR
logo
Rohm
DTA114Y ROHM-DTA114Y Datasheet
1Mb / 14P
   PNP -100mA -50V Digital Transistor
More results

Similar Description - DTA114Y

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Bruckewell Technology L...
TA114ECA BWTECH-TA114ECA Datasheet
387Kb / 5P
   Digital Transistor
logo
Unisonic Technologies
DTA114E UTC-DTA114E_15 Datasheet
263Kb / 3P
   DIGITAL TRANSISTOR
logo
Rohm
DTA013Z ROHM-DTA013Z_16 Datasheet
1Mb / 10P
   Digital Transistor
logo
Galaxy Semi-Conductor H...
DTC144ECA BILIN-DTC144ECA Datasheet
159Kb / 3P
   Digital Transistor
logo
Micro Commercial Compon...
UMC4N MCC-UMC4N Datasheet
463Kb / 3P
   DIGITAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
DTA114EUA BILIN-DTA114EUA Datasheet
110Kb / 4P
   Digital Transistor
DTC114EE BILIN-DTC114EE Datasheet
108Kb / 3P
   Digital Transistor
DTC114EUA BILIN-DTC114EUA Datasheet
172Kb / 4P
   Digital Transistor
DTA143XCA BILIN-DTA143XCA Datasheet
177Kb / 5P
   Digital Transistor
DTA124ECA BILIN-DTA124ECA_08 Datasheet
176Kb / 4P
   Digital Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com