Electronic Components Datasheet Search |
|
ILC7082AIM529X Datasheet(PDF) 11 Page - Fairchild Semiconductor |
|
ILC7082AIM529X Datasheet(HTML) 11 Page - Fairchild Semiconductor |
11 / 16 page ILC7082 REV. 1.6.2 11/17/04 11 Typical Performance Characteristics ILC7082 Unless otherwise specified: TA = 25°C, VIN = VOUT(NOM) + 1V, ON/OFF pin tied to VIN Output Voltage vs Temperature 3.015 3.01 3.005 3 2.995 2.99 COUT = 1µF (Ceramic) VOUT = 3.0V 2.985 Temperature (°C) 0 50 100 150 -50 Dropout Characteristics VIN (V) 3.4 3.3 3.2 3.1 3 COUT = 1µF (Ceramic) VOUT = 3.3V 3 3.2 3.4 3.6 IOUT = 0mA IOUT = 10mA IOUT = 50mA Dropout Voltage vs Temperature Temperature (°C) 250 200 150 100 50 0 –40 85 25 VOUT = 3.0V IOUT = 150mA IOUT = 100mA IOUT = 50mA IOUT = 0mA 250 200 150 100 50 0 0 50 100 150 Dropout Voltage vs IOUT Output Current (mA) TA = –40°C TA = 85°C TA = 25°C VOUT = 3.0V 150 125 100 75 50 2 4 6 8 10 12 14 Ground Current vs Input Voltage VOUT = 3.0 V COUT = 1µF (Ceramic) IOUT = 150mA IOUT = 100mA IOUT = 50mA IOUT = 10mA IOUT = 0mA VIN (V) Line Transient Response 5µs/div 6 5 4 3.01 3.00 2.99 2.98 VIN: tr/tf < 1 µs VOUT = 3.0V COUT = 2.2 µF (Ceramic) IOUT = 100 mA IOUT = 100mA IOUT = 150mA |
Similar Part No. - ILC7082AIM529X |
|
Similar Description - ILC7082AIM529X |