Electronic Components Datasheet Search |
|
ILC7082AIM5285X Datasheet(PDF) 8 Page - Fairchild Semiconductor |
|
ILC7082AIM5285X Datasheet(HTML) 8 Page - Fairchild Semiconductor |
8 / 16 page ILC7082 8 REV. 1.6.2 11/17/04 With reference to the block diagram in Figure 2, VOUT is fed back to the error amplifier and is used as the supply voltage for the internal components of the ILC7082. So any change in VOUT will cause the error amplifier to try to compensate to maintain VOUT at the set level and noise on VOUT will be reflected into the supply of each internal component of the ILC7082. The reference voltage, VREF, is influenced by the CNOISE pin. Noise into this pin will add to the reference voltage and be fed through the circuit. These factors will not cause a problem if some simple steps are taken. Figure 5 shows where these added ESR resistances are present in the typical LDO circuit. Figure 5. ESR Present in COUT and CNOISE With this in mind, low ESR components will offer better per- formance where the LDO may be subjected to large load transients current. ESR is less of a problem with CIN as the voltage fluctuations at the input will be filtered by the LDO. However, being aware of these current flows, there is also another potential source of induced voltage noise from the resistance inherent in the PCB trace. Figure 6 shows where the additive resistance of the PCB can manifest itself. Again these resistances may be very small, but a summation of sev- eral currents can develop detectable voltage ripple and will be amplified by the LDO. In particular, the accumulation of current flows in the ground plane can develop significant voltages unless care is taken. With a degree of care, the ILC7082 will yield outstanding performance. Printed Circuit Board Layout Guidelines As was mentioned in the previous section, to take full advantage of any high performance LDO regulator requires careful attention to grounding and printed circuit board (PCB) layout. Figure 6. Inherent PCB resistance Figure 7 shows the effects of poor grounding and PCB lay- out magnified by the ESR and PCB resistances and the accu- mulation of current flows. Note that particularly during high output load current, the LDO regulator’s ground pin and the ground return for COUT and CNOISE are not at the same potential as the system ground. This is due to high frequency impedance caused by PCB’s trace inductance and DC resistance. The current loop between COUT, CNOISE and the LDO regulator’s ground pin will degrade performance of the LDO. Figure 8 shows an optimum schematic. In this schematic, high output surge current has little effect on the ground current and noise bypass current return of the LDO regulator. Note that the key difference here is that COUT and CNOISE are directly connected to the LDO regulator’s ground pin. The LDO is then separately connected to the main ground plane and returned to a single point system ground. The layout of the LDO and its external components are also based on some simple rules to minimize EMI and output voltage ripple. Note, the ground plane is the bottom layer of the PCB and connects to top layer ground connections through vias. ILC7082 V IN SOT-23-5 C IN ON OFF 12 3 4 5 C NOISE RF LDOTM Regulator R* R* R C V OUT C OUT I C I OUT ILC7082 SOT-23-5 ON OFF 12 3 4 5 C NOISE R PCB ESR R PCB V IN C IN I OUT C OUT I 1 V OUT R PCB R PCB |
Similar Part No. - ILC7082AIM5285X |
|
Similar Description - ILC7082AIM5285X |