Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA Datasheet(PDF) 1 Page - Hirose Electric

Part # SMA
Description  SMA Reverse Coaxial Connector Up to 26.5GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

SMA Datasheet(HTML) 1 Page - Hirose Electric

  SMA Datasheet HTML 1Page - Hirose Electric SMA Datasheet HTML 2Page - Hirose Electric SMA Datasheet HTML 3Page - Hirose Electric SMA Datasheet HTML 4Page - Hirose Electric SMA Datasheet HTML 5Page - Hirose Electric SMA Datasheet HTML 6Page - Hirose Electric SMA Datasheet HTML 7Page - Hirose Electric SMA Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
2018.3
SMA Reverse Coaxial Connector Up to 26.5GHz
SMA(R) Series
Features
1. Excellent high-frequency
performance
Equivalent to perform same characteristics as
Hirose HRM series which is Japan's first SMA.
Comforming to FCC Standard (Part15 47 CFR
15.203*)
2. Small size / Light weight / Robust
3. Wide variation
Various SMA and FL conversion Adapters are
available. Assembly with FL series is available.
Applications
Wi-Fi equipment, Gaming machine, Measurement instrument and other equipment's inter connection which
need special interface.
Product Specifications
Ratings
Nominal characteristic impedance
50ø
Operating Temperature Range
-55ç to +125ç
Rated frequency
0 to 26.5GHz
Storage Temperature Range
95% RH or less
Items
Specifications
Conditions
1. Contact
resistance
SMA (R) -300-126B
HRMJ-SMA (R) P
Measured at less than 100mA DC
Center : Less than 6mø
Center : Less than 8mø
External : Less than 6mø
External : Less than 8mø
2. Withstanding
voltage
No flashover or breakdown
1000V AC for 1 minute
3. Insulation
resistance
5000Mø min.
Measured at 500V DC
4. Moisture
resistance of
temperature/
humidity cycle
SMA (R) -300-126B
HRMJ-SMA (R) P
Left for 10 cycles (240 hours) in an
environment with the temperature
ranging from +25 to +65°C and the
humidity ranging from 90 to 98%.
Insulation resistance :
More than 100Mø (in a high
humidity environment)
Insulation resistance :
More than 5000Mø (in a dry
environment)
Insulation resistance :
More than 100Mø (in a high
humidity environment)
Insulation resistance :
More than 1000Mø (in a dry
environment)
5. Temperature
cycle
No broken, cracked or loose parts
Temperature : 5 cycles for a series of
time periods : _65ç for 30 minutes
+125ç for 30 minutes
6. Salt spray
SMA (R) -300-126B
HRMJ-SMA (R) P
Continuous 48 hour in 5% salt water
solution
VSWR : Less than 1.3
VSWR : Less than 1.4
0 to 3GHz
0 to 26.5GHz
VSWR : Less than 1.5
3GHz to 6GHz
7. Mating Cycles
SMA (R) -300-126B
HRMJ-SMA (R) P
SMA (R) -300-126B HRMJ-SMA (R) P
Center : Less than 8mø
External : Less than 8mø
Center : Less than 12mø
External : Less than 12mø
500 cycles
1000 cycles
8. V.S.W.R.
SMA (R) -300-126B
HRMJ-SMA (R) P
SMA (R) -300-126B HRMJ-SMA (R) P
VSWR : Less than 1.3
VSWR : Less than 1.25
0 to 3GHz
0 to 12.4GHz
VSWR : Less than 1.5
VSWR : Less than 1.3
3GHz to 6GHz
12.4GHz to 18GHz
VSWR : Less than 1.4
-------
18GHz to 26.5GHz
Materials / Finish
Part
Materials
Finish
Shell
Receptacle
Brass
Gold plated
Plug, Shell
Stainless steel
Gold plated, Passivated
Contact
Male contact
Brass
Gold plated
Female contact
Berylium copper
Gold plated
Insulator
PTFE (resin)
———
In cases where the application will demand a high level of reliability, such as automotive,
please contact a company representative for further information.


Similar Part No. - SMA

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMA LITEON-SMA Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
SMA FORMOSA-SMA Datasheet
61Kb / 1P
   Case No. SMA Device
logo
Galaxy Semi-Conductor H...
SMA BILIN-SMA Datasheet
75Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Riedon Powertron
SMA RIEDON-SMA Datasheet
287Kb / 1P
   Precision Metal Film Resistors
logo
RFE international
SMA RFE-SMA Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
More results

Similar Description - SMA

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
11_SMA-50-3-64-19_N HUBERSUHNER-11_SMA-50-3-64-19_N Datasheet
263Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-2-100111_N HUBERSUHNER-11_SMA-50-2-100111_N Datasheet
158Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-66-19_N HUBERSUHNER-11_SMA-50-3-66-19_N Datasheet
224Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-14-11_N HUBERSUHNER-11_SMA-50-3-14-11_N Datasheet
210Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-69-19_N HUBERSUHNER-11_SMA-50-3-69-19_N Datasheet
175Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-2-20119_N HUBERSUHNER-11_SMA-50-2-20119_N Datasheet
177Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-16-11_N HUBERSUHNER-11_SMA-50-3-16-11_N Datasheet
224Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-42-33_N HUBERSUHNER-11_SMA-50-3-42-33_N Datasheet
161Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
logo
Nais(Matsushita Electri...
ARD1004H NAIS-ARD1004H Datasheet
541Kb / 8P
   26.5GHz, 18GHz COAXIAL SWITCH
logo
Huber+Suhner, Inc.
16_SMA-50-3-100199_N HUBERSUHNER-16_SMA-50-3-100199_N Datasheet
182Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Right angle cable plug (male)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com