Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE5254A Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE5254A
Description  50 Watt Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5254A Datasheet(HTML) 2 Page - NTE Electronics

  NTE5254A Datasheet HTML 1Page - NTE Electronics NTE5254A Datasheet HTML 2Page - NTE Electronics NTE5254A Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (Cont’d): (TC = +30°C, unless otherwise specified)
Nominal
Zener
Maximum Dynamic
Impedance
(Note 3)
Maximum
Typical
Maximum
NTE Type
Number
Zener Voltage
Vz @ Izt
(Note 2)
Test
Current
(Izt)
Zzt @ Izt
Zzk @
1mA (Izk)
DC Zener
Current
(Izm)
Temperature
Coefficient
αvz
Leakage
Current
IR @ VR
Volts
mA
Ohms
Ohms
mA
%/
°C
µA
Volts
NTE5250A
8.7
1435
0.45
70
5000
0.049
37
5.7
NTE5251A
9.1
1370
0.50
70
4800
0.050
25
6.1
NTE5252A
10.0
1200
0.60
80
4300
0.055
25
6.7
NTE5253A
11.0
1100
0.80
80
3900
0.060
10
8.4
NTE5254A
12.0
1000
1.00
80
3800
0.065
10
9.1
NTE5255A
13.0
960
1.10
80
3300
0.065
10
9.9
NTE5256A
14.0
890
1.20
80
3000
0.070
10
11.4
NTE5257A
15.0
835
1.40
80
2825
0.070
10
11.8
NTE5258A
16.0
780
1.60
80
2650
0.070
10
12.2
NTE5259A
17.0
740
1.80
80
2500
0.075
10
13.0
NTE5260A
18.0
700
2.00
80
2300
0.075
10
13.7
NTE5261A
19.0
660
2.20
80
2200
0.075
10
13.7
NTE5262A
20.0
630
2.40
80
2100
0.075
10
15.2
NTE5263A
22.0
570
2.50
80
1900
0.080
10
16.7
NTE5264A
24.0
520
2.60
80
1750
0.080
10
18.2
NTE5265A
25.0
500
2.70
90
1550
0.080
10
18.2
NTE5266A
27.0
460
2.80
90
1500
0.085
10
20.6
NTE5267A
28.0
440
2.90
90
1450
0.085
10
21.7
NTE5268A
30.0
420
3.00
90
1400
0.085
10
22.8
NTE5269A
33.0
380
3.20
90
1300
0.085
10
25.1
NTE5270A
36.0
350
3.50
90
1150
0.085
10
27.4
NTE5271A
39.0
320
4.00
90
1050
0.090
10
29.7
NTE5272A
43.0
290
4.50
90
975
0.090
10
32.7
NTE5273A
45.0
280
4.50
100
930
0.090
10
32.7
NTE5274A
47.0
270
5.00
100
880
0.090
10
35.8
NTE5275A
50.0
250
5.00
100
830
0.090
10
38.8
NTE5276A
51.0
245
5.20
100
810
0.090
10
38.8
NTE5277A
52.0
240
5.50
100
790
0.090
10
42.6
NTE5278A
56.0
220
6.00
110
740
0.090
10
42.6
NTE5279A
60.0
210
6.50
115
700
0.090
10
44.8
NTE5280A
62.0
200
7.00
120
660
0.090
10
47.1
NTE5281A
68.0
180
8.00
140
600
0.090
10
51.7


Similar Part No. - NTE5254A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE525 NTE-NTE525 Datasheet
16Kb / 1P
   Silicon Diode High Voltage Fast Recovery Switch
More results

Similar Description - NTE5254A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N2804B MICROSEMI-1N2804B_10 Datasheet
201Kb / 6P
   50 WATT ZENER DIODES
1N2846B MICROSEMI-1N2846B Datasheet
236Kb / 4P
   50 Watt Zener Diodes
1N4553A MICROSEMI-1N4553A Datasheet
380Kb / 3P
   50 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Microsemi Corporation
1N2804 MICROSEMI-1N2804 Datasheet
116Kb / 2P
   SILICON 50 WATT ZENER DIODES
logo
NTE Electronics
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com