Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74AC245 Datasheet(PDF) 1 Page - Integral Corp.

Part No. IN74AC245
Description  Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74AC245 Datasheet(HTML) 1 Page - Integral Corp.

  IN74AC245 Datasheet HTML 1Page - Integral Corp. IN74AC245 Datasheet HTML 2Page - Integral Corp. IN74AC245 Datasheet HTML 3Page - Integral Corp. IN74AC245 Datasheet HTML 4Page - Integral Corp. IN74AC245 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
326
Octal 3-State Noninverting
Bus Transceiver
High-Speed Silicon-Gate CMOS
The IN74AC245 is identical in pinout to the LS/ALS245,
HC/HCT245. The device inputs are compatible with standard CMOS
outputs; with pullup resistors, they are compatible with LS/ALS
outputs.
The IN74AC245 is a 3-state noninverting transceiver that is used
for 2-way asynchronous communication between data buses. The
device has an active-low Output Enable pin, which is used to place the
I/O ports into high-impedance states. The Direction control determines
whether data flows from A to B or from B to A.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Outputs Source/Sink 24 mA
IN74AC245
ORDERING INFORMATION
IN74AC245N Plastic
IN74AC245DW SOIC
TA = -40° to 85° C for all
packages
PIN ASSIGNMENT
FUNCTION TABLE
Control Inputs
Output
Enable
Direction
Operation
L
L
Data Transmitted
from Bus B to
Bus A
L
H
Data Transmitted
from Bus A to
Bus B
H
X
Buses Isolated
(High Impedance
State)
X = don’t care
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL