Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74AC245 Datasheet(PDF) 4 Page - Integral Corp.

Part No. IN74AC245
Description  Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74AC245 Datasheet(HTML) 4 Page - Integral Corp.

  IN74AC245 Datasheet HTML 1Page - Integral Corp. IN74AC245 Datasheet HTML 2Page - Integral Corp. IN74AC245 Datasheet HTML 3Page - Integral Corp. IN74AC245 Datasheet HTML 4Page - Integral Corp. IN74AC245 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74AC245
329
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C-40°C to
85
°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay, A to B, B to A
(Figure 1)
3.3
5.0
1.5
1.5
8.5
6.5
1.0
1.0
9.0
7.0
ns
tPHL
Propagation Delay, A to B, B to A
(Figure 1)
3.3
5.0
1.5
1.5
8.5
6.0
1.0
1.0
9.0
7.0
ns
tPZH
Propagation Delay, Direction or Output
Enable to A or B (Figure 2)
3.3
5.0
1.5
1.5
11.5
8.5
2.0
1.0
12.5
9.0
ns
tPZL
Propagation Delay, Direction or Output
Enable to A or B (Figure 2)
3.3
5.0
2.5
1.5
12.0
9.0
2.0
1.0
13.5
9.5
ns
tPHZ
Propagation Delay, Direction or Output
Enable to A or B (Figure 2)
3.3
5.0
2.0
1.5
12.0
9.0
1.0
1.0
12.5
10.0
ns
tPLZ
Propagation Delay, Direction or Output
Enable to A or B (Figure 2)
3.3
5.0
2.0
1.5
11.5
9.0
1.5
1.0
13.0
10.0
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
COUT
Maximum Three-State I/O Capacitance
(I/O in High-Impedance State)
5.0
15
15
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
45
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL