Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RDC-10-182-75X Datasheet(PDF) 2 Page - Mini-Circuits

Part No. RDC-10-182-75X
Description  Directional Coupler
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RDC-10-182-75X Datasheet(HTML) 2 Page - Mini-Circuits

  RDC-10-182-75X Datasheet HTML 1Page - Mini-Circuits RDC-10-182-75X Datasheet HTML 2Page - Mini-Circuits RDC-10-182-75X Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Surface Mount
Directional Coupler
Electrical Specifications at 25°C
Maximum Ratings
Parameter
Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
Pin Connections
Function
Pin Number
INPUT
1
OUTPUT
6
COUPLED
3
GROUND
2
75
Ω TERM EXTERNAL
4
ISOLATE (DO NOT USE)
5
Permanent damage may occur if any of these limits are exceeded.
75Ω
10dB
5 to 1800 MHz
Electrical Schematic
1. Mainline loss includes theoretical power loss at coupled port.
Features
• wideband, 5-1800 MHz
• excellent return loss, 18 dB typ.
• low mainline loss, 1.7 dB typ.
• excellent coupling flatness, ±0.2 dB typ.
• aqueous washable
CASE STYLE: TT2315
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Parameter
Condition (MHz)
Min.
Typ.
Max.
Unit
Frequency Range
5
1800
MHz
Mainline Loss1
5 - 1250
1.3
1.8
dB
1250 - 1800
1.9
2.8
Coupling
5 - 1800
10±0.5
dB
Coupling Flatness (±)
5 - 1800
0.1
0.5
dB
Directivity
5 - 870
15
20
dB
870 - 1250
14
20
1250 - 1800
10
15
Return Loss (Input)
5 - 1800
18
dB
Return Loss (Output)
5 - 1800
20
dB
Return Loss (Coupling)
5 - 1800
18
dB
Input Power
5 - 1800
1.0
W
REV. OR
M171036
RDC-10-182-75X+
WP/CP/AM
181204
RDC-10-182-75X+
top hat
®
Applications
• DOCSIS 3.1
• cable tv


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn