Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RDC-10-182-75X Datasheet(PDF) 1 Page - Mini-Circuits

Part No. RDC-10-182-75X
Description  Directional Coupler
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RDC-10-182-75X Datasheet(HTML) 1 Page - Mini-Circuits

  RDC-10-182-75X Datasheet HTML 1Page - Mini-Circuits RDC-10-182-75X Datasheet HTML 2Page - Mini-Circuits RDC-10-182-75X Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Directional Coupler
Surface Mount
RDC-10-182-75X+
The Big Deal
• Low mainline loss, 1.7 dB typ. at 1.8 GHz
• Good Return Loss, 18 dB
• Excellent coupling flatness, ±0.2 dB
• Supports DOCSIS® 3.1 Systems
Product Overview
Mini-Circuits RDC-10-182-75X+ surface-mount directional coupler provides 10 dB coupling with excel-
lent flatness, low mainline loss, high directivity, and good return loss for 75Ω applications from 5 to 1800
MHz, supporting a variety of broadband applications including DOCSIS 3.1 systems and equipment. This
model features core and wire construction with wrap-around terminations for good solderability and easy
visual inspection.
Key Features
Feature
Advantages
Broadband, 5 to 1800 MHz
Supports bandwidth requirements for DOCSIS 3.1 systems and equipment.
Low mainline loss, 1.7 dB
Provides excellent through-path signal transmission and maintains low heat dissipation,
avoiding the need for special heat sinking methods.
Power handling, up to 1W
Usable in systems with a variety of signal power requirements.
Excellent return loss, 18 dB typ.
Provides excellent matching for 50Ω systems.
Top Hat feature
Improves speed and accuracy of pick and place assembly.
75Ω
10dB
5 to 1800 MHz
CASE STYLE: TT2315
top hat
®


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn