Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89LPC9107FDH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P89LPC9107FDH
Description  8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC9107FDH Datasheet(HTML) 2 Page - NXP Semiconductors

  P89LPC9107FDH Datasheet HTML 1Page - NXP Semiconductors P89LPC9107FDH Datasheet HTML 2Page - NXP Semiconductors P89LPC9107FDH Datasheet HTML 3Page - NXP Semiconductors P89LPC9107FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC9107FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC9107FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC9107FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC9107FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC9107FDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
9397 750 14655
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 11 April 2005
2 of 58
Philips Semiconductors
P89LPC9102/9103/9107
8-bit microcontrollers with two-clock accelerated 80C51 core
s In-Application Programming (IAP-Lite) and byte erase allows code memory to be used
for non-volatile data storage.
s Serial Flash ICP allows simple production coding with commercial EPROM
programmers. Flash security bits prevent reading of sensitive application programs.
s Watchdog timer with separate on-chip oscillator, requiring no external components.
The watchdog prescaler is selectable from eight values.
s Low voltage reset (Brownout detect) allows a graceful system shutdown when power
fails. May optionally be configured as an interrupt.
s Idle mode and two different reduced power Power-down modes. Improved wake-up
from Power-down mode (a LOW interrupt input starts execution). Typical Power-down
mode current is less than 1
µA (total Power-down mode with voltage comparators
disabled).
s Active-LOW reset. On-chip power-on reset allows operation without external reset
components. A reset counter and reset glitch suppression circuitry prevent spurious
and incomplete resets. A software reset function is also available.
s Programmable port output configuration options: quasi-bidirectional, open drain,
push-pull, input-only.
s Port ‘input pattern match’ detect. Port 0 may generate an interrupt when the value of
the pins match or do not match a programmable pattern.
s LED drive capability (20 mA) on all port pins. A maximum limit is specified for the
entire chip.
s Controlled slew rate port outputs to reduce EMI. Outputs have approximately 10 ns
minimum ramp times.
s Only power and ground connections are required to operate the
P89LPC9102/9103/9107 when internal reset option is selected.
s Four interrupt priority levels.
s Two keypad interrupt inputs.
s Second data pointer.
s External clock input.
s Clock output (P89LPC9102/9107).
s Schmitt trigger port inputs.
s Emulation support.
3.
Product comparison overview
Table 1 highlights the differences between these two devices. For a complete list of device
features, please see Section 2 “Features”.
Table 1:
Product comparison overview
Type number
UART
T0 toggle/PWM
T1 toggle/PWM
CLKOUT
P89LPC9102
-
X
X
X
P89LPC9103
X
-
-
-
P89LPC9107
XXXX


Similar Part No. - P89LPC9107FDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC9107FDH NXP-P89LPC9107FDH Datasheet
291Kb / 61P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable flash with 8-bit A/D converter
Rev. 03-10 July 2007
More results

Similar Description - P89LPC9107FDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC904 PHILIPS-P89LPC904 Datasheet
190Kb / 41P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-25 June 2004
P89LPC9102 NXP-P89LPC9102 Datasheet
291Kb / 61P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable flash with 8-bit A/D converter
Rev. 03-10 July 2007
P89LPC938 PHILIPS-P89LPC938 Datasheet
318Kb / 68P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable Flash with 10-bit A/D converter
Rev. 01-25 February 2005
P89LPC9301 NXP-P89LPC9301 Datasheet
312Kb / 65P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable flash
Rev. 01-9 April 2009
P89LPC9351 NXP-P89LPC9351 Datasheet
341Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-19 November 2008
P89LPC933 PHILIPS-P89LPC933 Datasheet
337Kb / 71P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters
Rev. 06-20 June 2005
P89LPC915 PHILIPS-P89LPC915 Datasheet
344Kb / 72P
   8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter
Rev. 04-17 December 2004
P89LPC915 NXP-P89LPC915 Datasheet
379Kb / 75P
   8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
Rev. 05-15 December 2009
P89LPC952 PHILIPS-P89LPC952 Datasheet
307Kb / 66P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit ADC
Rev. 01-16 September 2005
P89LPC9151 NXP-P89LPC9151 Datasheet
1Mb / 91P
   8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 02-9 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com