Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM5117405C Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSM5117405C
Description  4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5117405C Datasheet(HTML) 1 Page - OKI electronic componets

  MSM5117405C Datasheet HTML 1Page - OKI electronic componets MSM5117405C Datasheet HTML 2Page - OKI electronic componets MSM5117405C Datasheet HTML 3Page - OKI electronic componets MSM5117405C Datasheet HTML 4Page - OKI electronic componets MSM5117405C Datasheet HTML 5Page - OKI electronic componets MSM5117405C Datasheet HTML 6Page - OKI electronic componets MSM5117405C Datasheet HTML 7Page - OKI electronic componets MSM5117405C Datasheet HTML 8Page - OKI electronic componets MSM5117405C Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
¡ Semiconductor
MSM5117405C
DESCRIPTION
The MSM5117405C is a 4,194,304-word ¥ 4-bit dynamic RAM fabricated in Oki's silicon-gate CMOS
technology. The MSM5117405C achieves high integration, high-speed operation, and low-power
consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer
metal CMOS process. The MSM5117405C is available in a 26/24-pin plastic SOJ or 26/24-pin plastic
TSOP.
FEATURES
• 4,194,304-word ¥ 4-bit configuration
• Single 5 V power supply,
±10% tolerance
• Input
: TTL compatible, low input capacitance
• Output : TTL compatible, 3-state
• Refresh : 2048 cycles/32 ms
• Fast page mode with EDO, read modify write capability
• CAS before RAS refresh, hidden refresh, RAS-only refresh capability
• Multi-bit test mode capability
• Package options:
26/24-pin 300 mil plastic SOJ
(SOJ26/24-P-300-1.27) (Product : MSM5117405C-xxSJ)
26/24-pin 300 mil plastic TSOP (TSOPII26/24-P-300-1.27-K) (Product : MSM5117405C-xxTS-K)
(TSOPII26/24-P-300-1.27-L) (Product : MSM5117405C-xxTS-L)
xx indicates speed rank.
PRODUCT FAMILY
¡ Semiconductor
MSM5117405C
4,194,304-Word
¥ 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405C-70
70 ns
130 ns
90 ns
550 mW
660 mW
Family
Access Time (Max.)
Cycle Time
(Min.)
Standby (Max.)
Power Dissipation
MSM5117405C-50
tRAC
50 ns
35 ns
tAA
25 ns
20 ns
tCAC
13 ns
20 ns
tOEA
13 ns
MSM5117405C-60
60 ns
110 ns
605 mW
30 ns
15 ns
15 ns
Operating (Max.)
5.5 mW
E2G0109-18-42
This version: Apr. 1998


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn