Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2746 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2746
Description  Single Supply Dual Operational Amplifier with Full Swing Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2746 Datasheet(HTML) 4 Page - New Japan Radio

  NJM2746 Datasheet HTML 1Page - New Japan Radio NJM2746 Datasheet HTML 2Page - New Japan Radio NJM2746 Datasheet HTML 3Page - New Japan Radio NJM2746 Datasheet HTML 4Page - New Japan Radio NJM2746 Datasheet HTML 5Page - New Japan Radio NJM2746 Datasheet HTML 6Page - New Japan Radio NJM2746 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NJM2746
- 4 -
Ver.2005-01-26
■ TYPICAL CHARACTERISTICS
-8
-6
-4
-2
0
2
4
6
8
0
1
23
4567
8
Operating Voltage (V
+/V-) [V]
-40°C
Ta=+25°C
+85°C
GV=OPEN, RL=5kΩ to GND
Maximum Output Voltage vs. Operating Voltage
-8
-6
-4
-2
0
2
4
6
8
0
1
23
4567
8
Operating Voltage (V
+/V-) [V]
-40°C
Ta=+25°C
+85°C
GV=OPEN, RL=10kΩ to GND
Maximum Output Voltage vs. Operating Voltage
0
2
4
6
8
10
12
14
16
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
VOH(V
+=14V)
VOH(V
+=5V)
GV=OPEN, RL=5kΩ to V
+/2
VOH(V
+=2.5V)
VOL(V
+=2.5V, 5V, 14V)
Maximum Output Voltage vs. Ambient Temperature
0
2
4
6
8
10
12
14
16
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
VOH(V
+=14V)
VOH(V
+=5V)
GV=OPEN, RL=10kΩ to V
+/2
VOH(V
+=2.5V)
VOL(V
+=2.5V, 5V, 14V)
Maximum Output Voltage vs. Ambient Temperature
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0.0001
0.001
0.01
0.1
Output Current [mA]
+85°C
ISOURCE
ISINK
-45°C
Ta=+25°C
V
+=5V, G
V=OPEN
100
10
1
0.1
+85°C
-45°C
Ta=+25°C
Maximum Output Voltage vs. Output Current
(correlation with Ta)
-1
0
1
2
3
4
5
6
0.11
10
100
Load Resistance [kΩ]
Ta=-40°C
+25°C
+85°C
VOH
VOL
V
+=5V, G
V=OPEN, RL=5kΩ to 2.5V
Maximum Output Voltage
vs. Load Resistance (Correlation with Ta)


Similar Part No. - NJM2746

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2746 NJRC-NJM2746 Datasheet
311Kb / 6P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
More results

Similar Description - NJM2746

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2741 NJRC-NJM2741 Datasheet
98Kb / 2P
   Single Supply Single Operational Amplifier with Full Swing Output
NJM2747 NJRC-NJM2747 Datasheet
116Kb / 3P
   Single Supply Quad Operational Amplifier with Full Swing Output
NJM2730 NJRC-NJM2730 Datasheet
245Kb / 9P
   Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
logo
Rohm
BD12730G ROHM-BD12730G_16 Datasheet
1Mb / 54P
   Low Supply Current Input/Output Full Swing Operational Amplifier
BU7242YFVM-C ROHM-BU7242YFVM-C Datasheet
2Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
logo
New Japan Radio
NJM2732 NJRC-NJM2732 Datasheet
340Kb / 9P
   Full-Swing Input and Output type Dual Operational Amplifier
logo
Rohm
BU7241YG-C ROHM-BU7241YG-C Datasheet
1Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
logo
New Japan Radio
NJM2737 NJRC-NJM2737 Datasheet
297Kb / 10P
   Low Noise Low Supply Voltage Dual Operational Amplifier with Full Swing Input and Output
logo
Rohm
LMR821G ROHM-LMR821G_V01 Datasheet
5Mb / 52P
   Low Supply Current Output Full Swing Operational Amplifiers
11.May.2015 Rev.006
LMR821G ROHM-LMR821G_15 Datasheet
5Mb / 53P
   Low Supply Current Output Full Swing Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com