Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3776EUF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3776EUF
Description  Dual 2-Phase, No RSENSE Synchronous Controller for DDR/QDR Memory Termination
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3776EUF Datasheet(HTML) 5 Page - Linear Technology

  LTC3776EUF Datasheet HTML 1Page - Linear Technology LTC3776EUF Datasheet HTML 2Page - Linear Technology LTC3776EUF Datasheet HTML 3Page - Linear Technology LTC3776EUF Datasheet HTML 4Page - Linear Technology LTC3776EUF Datasheet HTML 5Page - Linear Technology LTC3776EUF Datasheet HTML 6Page - Linear Technology LTC3776EUF Datasheet HTML 7Page - Linear Technology LTC3776EUF Datasheet HTML 8Page - Linear Technology LTC3776EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LTC3776
3776f
Regulated Feedback Voltage
(CH2) vs Temperature
Regulated Feedback Voltage
(CH1) vs Temperature
Shutdown (RUN) Threshold
vs Temperature
RUN/SS Pull-Up Current
vs Temperature
Maximum Current Sense Threshold
(CH1) vs Temperature
Oscillator Frequency
vs Temperature
TEMPERATURE (°C)
–60
–10
–8
–4
–2
0
10
4
–20
20
40
3736 G15
–6
6
8
2
–40
0
60
80
100
TEMPERATURE (°C)
–60
2.30
2.40
100
3736 G16
2.20
2.10
–20
20
60
–40
0
40
80
2.50
2.25
2.35
2.15
2.45
VIN RISING
VIN FALLING
Undervoltage Lockout Threshold
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise noted.
Maximum Current Sense Voltage
vs ITH2 Pin Voltage (CH2)
ITH2 VOLTAGE (V)
0
–100
–80
–40
–20
0
100
40
1.5
3776 G08
–60
60
80
20
1.0
2.0
TEMPERATURE (°C)
–60
1.2625
1.2600
1.2575
1.2550
1.2525
1.2500
1.2475
1.2450
1.2425
1.2400
1.2375
–20
20
40
3776 G09
–40
0
60
80
100
VREF = 2.500V
TEMPERATURE (°C)
–60
0.588
0.592
0.596
0.600
0.604
–20
20
60
100
3776 G10
0.608
0.612
–40
0
40
80
TEMPERATURE (°C)
–60
0
0.1
0.3
0.4
0.5
1.0
0.7
–20
20
40
3736 G11
0.2
0.8
0.9
0.6
–40
0
60
80
100
TEMPERATURE (°C)
–60
0.4
0.5
0.6
0.7
0.8
–20
20
60
100
3736 G12
0.9
1.0
–40
0
40
80
TEMPERATURE (°C)
–60
115
120
125
130
135
–40 –20
0
20
3736 G13
40
60
80
100
IPRG1 = FLOAT
Maximum Current Sense
Threshold (CH2) vs Temperature
TEMPERATURE (°C)
–60
140
145
150
0
40
100
3776 G14
135
130
125
–40 –20
20
60
80
IPRG2 = FLOAT


Similar Part No. - LTC3776EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3776 LINER-LTC3776 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3776 LINER-LTC3776_15 Datasheet
392Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller for DDR/QDR Memory Termination
More results

Similar Description - LTC3776EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3776 LINER-LTC3776_15 Datasheet
392Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller for DDR/QDR Memory Termination
LTC3717 LINER-LTC3717_15 Datasheet
266Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3717-1 LINER-LTC3717-1_15 Datasheet
278Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3717 LINER-LTC3717 Datasheet
255Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3717-1 LINER-LTC3717-1 Datasheet
268Kb / 20P
   Wide Operating Range, No RSENSE TM Step-Down Controller for DDR/QDR Memory Termination
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-1 LINER-LTC3736-1 Datasheet
528Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Spread Spectrum
LTC3736-1 LINER-LTC3736-1_15 Datasheet
534Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Spread Spectrum
LTC3413IFE LINER-LTC3413IFE Datasheet
259Kb / 16P
   3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
LTC3413 LINER-LTC3413 Datasheet
243Kb / 16P
   3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com