Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3204 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3204
Description  Low Noise Regulated Charge Pump in 2 X 2 DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3204 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3204 Datasheet HTML 4Page - Linear Technology LTC3204 Datasheet HTML 5Page - Linear Technology LTC3204 Datasheet HTML 6Page - Linear Technology LTC3204 Datasheet HTML 7Page - Linear Technology LTC3204 Datasheet HTML 8Page - Linear Technology LTC3204 Datasheet HTML 9Page - Linear Technology LTC3204 Datasheet HTML 10Page - Linear Technology LTC3204 Datasheet HTML 11Page - Linear Technology LTC3204 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC3204-3.3/LTC3204-5/
LTC3204B-3.3/LTC3204B-5
10
3204fa
COUT
0603
CIN
0603
CFLY
0603
GND
VOUT
VIN
3204 F04
SHDN
C+
C
Ceramic Capacitors
Ceramic capacitors of different materials lose their capaci-
tancewithhighertemperatureandvoltageatdifferentrates.
For example, a capacitor made of X5R or X7R material
will retain most of its capacitance from –40°C to 85°C
whereasaZ5UorY5Vstylecapacitorwillloseconsiderable
capacitance over that range. Z5U and Y5V capacitors may
also have a poor voltage coefficient causing them to lose
60% or more of their capacitance when the rated voltage
isapplied.Thereforewhencomparingdifferentcapacitors,
it is often more appropriate to compare the amount of
achievable capacitance for a given case size rather than
discussing the specified capacitance value. For example,
over rated voltage and temperature conditions, a 1µF 10V
Y5V ceramic capacitor in a 0603 case may not provide any
more capacitance than a 0.22µF 10V X7R capacitor avail-
able in the same 0603 case. In fact, for most LTC3204-3.3/
LTC3204-5/LTC3204B-3.3/LTC3204B-5applications,these
capacitors can be considered roughly equivalent. The
capacitor manufacturer’s data sheet should be consulted
to ensure the desired capacitance at all temperatures and
voltages.
Below is a list of ceramic capacitor manufacturers and
how to contact them:
AVX
www.avxcorp.com
Kemet
www.kemet.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
Vishay
www.vishay.com
TDK
www.component.tdk.com
Layout Considerations
Due to the high switching frequency and high transient
currentsproducedbyLTC3204-3.3/LTC3204-5/LTC3204B-
3.3/LTC3204B-5, careful board layout is necessary for
optimum performance. A true ground plane and short
connections to all the external capacitors will improve per-
formanceandensureproperregulationunderallconditions.
Figure 4 shows an example layout for the LTC3204-3.3/
LTC3204-5/LTC3204B-3.3/LTC3204B-5.
Thermal Management
For higher input voltages and maximum output cur-
rent, there can be substantial power dissipation in the
LTC3204-3.3/LTC3204-5/LTC3204B-3.3/LTC3204B-5. If
the junction temperature increases above approximately
160°C, the thermal shutdown circuitry will automatically
deactivate the output. To reduce the maximum junction
temperature, a good thermal connection to the PC board
is recommended. Connecting the GND pin (Pin 1) and
the exposed pad of the DFN package (Pin 7) to a ground
plane under the device on two layers of the PC board
can reduce the thermal resistance of the package and PC
board considerably.
Derating Power at High Temperatures
To prevent an overtemperature condition in high power
applications, Figure 5 should be used to determine the
maximumcombinationofambienttemperatureandpower
dissipation.
The power dissipated in the LTC3204-3.3/LTC3204-5/
LTC3204B-3.3/LTC3204B-5 should always fall under the
line shown for a given ambient temperature. The power
dissipationintheLTC3204-3.3/LTC3204-5/LTC3204B-3.3/
LTC3204B-5 is given by the expression:
P
V
V
I
D
IN
OUT
OUT
= (
)•
2
This derating curve assumes a maximum thermal resis-
tance, θJA, of 80°C/W for the 2mm × 2mm DFN package.
Figure 4. Recommended Layout
APPLICATIO S I FOR ATIO


Similar Part No. - LTC3204

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3204-3.3 LINER-LTC3204-3.3 Datasheet
1Mb / 16P
   Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
LTC3204-3.3 LINER-LTC3204-3.3 Datasheet
634Kb / 12P
   Low Noise Regulated Charge Pump in 2 2 DFN
logo
Analog Devices
LTC3204-3.3 AD-LTC3204-3.3 Datasheet
242Kb / 20P
   Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
logo
Linear Technology
LTC3204-3.3 LINER-LTC3204-3.3_15 Datasheet
634Kb / 12P
   Low Noise Regulated Charge Pump in 2 2 DFN
LTC3204-5 LINER-LTC3204-5 Datasheet
1Mb / 16P
   Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
More results

Similar Description - LTC3204

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3204B-5 LINER-LTC3204B-5_15 Datasheet
634Kb / 12P
   Low Noise Regulated Charge Pump in 2 2 DFN
LTC3204-3.3 LINER-LTC3204-3.3_15 Datasheet
634Kb / 12P
   Low Noise Regulated Charge Pump in 2 2 DFN
LTC3204-5 LINER-LTC3204-5_15 Datasheet
634Kb / 12P
   Low Noise Regulated Charge Pump in 2 2 DFN
LTC3204B-3.3 LINER-LTC3204B-3.3_15 Datasheet
634Kb / 12P
   Low Noise Regulated Charge Pump in 2 2 DFN
LTC3221 LINER-LTC3221 Datasheet
490Kb / 12P
   Micropower, Regulated Charge Pump in 2 횞 2 DFN
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
   Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com