Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY2220 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part No. CY2220
Description  133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY2220 Datasheet(HTML) 9 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CY2220
Document #: 38-07206 Rev. *A
Page 9 of 11
Layout Example
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
6
7
13
19
20
24
G = VIA to GND plane layer
V =VIA to respective supply plane layer
Note: Each supply plane or strip should have a ferrite bead and capacitors
1
2
3
4
5
8
9
11
12
14
15
16
17
22
23
21
25
26
27
28
40
39
18
41
10
31
30
29
36
35
34
33
32
37
38
G
V
FB
+3.3V Supply
C4
Cermaic Caps C3 = 10–22 µF
C4 = 0.005 µF
10
µF
FB = Dale ILB1206 - 300 (30
Ω @ 100 MHz)
0.005
µF
G
G
C3
G
V
All bypass caps = 0.01
µF ceramic
G
V
G
V
G
V
G
V
G
V
G
V
G
V
G
V
VDDQ3


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn