Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-GD546X Datasheet(PDF) 1 Page - Cirrus Logic

Part # CL-GD546X
Description  64-Bit Graphics Engine with Integrated 3D Game Acceleration(CL-GD5464)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-GD546X Datasheet(HTML) 1 Page - Cirrus Logic

  CL-GD546X Datasheet HTML 1Page - Cirrus Logic CL-GD546X Datasheet HTML 2Page - Cirrus Logic CL-GD546X Datasheet HTML 3Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CL-GD546X
Advance Product Bulletin
September 1996
FEATURES
s 64-bit graphics engine with integrated 3D game
acceleration (CL-GD5464)
— Perspective textures mapping
— Bilinear/trilinear filtering
— Mip mapping
— Lit, copy, decal, and blend textures
— Texture decompression
— Mono rasterization (single-pass lighting)
— Stippling
— Polygon, line, and point drawing
— 16-bit Z-buffer
— Gouraud shading
— Alpha blending, fog, and transparency
— Display list processing for maximum performance
— Hardware page flipping
— Sub-pixel accuracy
s High-performance 64-bit GUI accelerator
— Three-operand BitBLT (bit block transfer)
— Color expansion for 8-, 16-, 24-, and 32-bpp modes
— Stretch BLT
s PCI 2.1-compliant bus master (CL-GD5464)
— DMA maximizes system performance
— Host-rendered/cached texture maps
s AGP (accelerated graphics port) support
(CL-GD5465)
MPEG1/MPEG2
TV TUNER
RDRAM
RDRAM
RGB/DDC
RDRAM
RDRAM
0
1
2
3
4
5
208-PIN HQFP
CL-GD546X
V-Port
System
Block Diagram
TELECONFERENCE
(OPTIONAL)
OVERVIEW
The CL-GD546X is the Laguna
™ family of pin-com-
patible, Rambus®-based 2D/3D graphics accelera-
tors. The CL-GD5462, the first family member,
provides multi-window video and graphics accelera-
tion with greater-than-VRAM performance at lower-
than-VRAM cost. The follow-on product, the
CL-GD5464, offers 3D graphics capability in addi-
tion to maintaining the same high level of 2D perfor-
mance offered by the CL-GD5462.
The 64-bit graphics engine of the CL-GD546X fea-
tures standard GUI acceleration hardware as well as
advanced features such as stretch BLT and video
playback scaling. Color-key and chroma-key opera-
tions are supported to enable graphics and video to
be combined in an efficient manner. The
CL-GD546X integrates a 24-bpp palette DAC, clock
generators, a full-feature VGA controller, and
V-Port
™ bus for easy expandability.
(cont.)
(cont.)
High-Performance
VisualMedia
™ Accelerators
CL-GD5462 (2D)
CL-GD5464 (3D)
CL-GD5465 (AGP)


Similar Part No. - CL-GD546X

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CL-GD5430 CIRRUS-CL-GD5430 Datasheet
10Mb / 140P
   CL-GD5434 V1.00 Software Release Errata
Revision 1.2 April 1994
CL-GD5430-1MB CIRRUS-CL-GD5430-1MB Datasheet
10Mb / 140P
   CL-GD5434 V1.00 Software Release Errata
Revision 1.2 April 1994
CL-GD5432 CIRRUS-CL-GD5432 Datasheet
10Mb / 140P
   CL-GD5434 V1.00 Software Release Errata
Revision 1.2 April 1994
CL-GD5434 CIRRUS-CL-GD5434 Datasheet
10Mb / 140P
   CL-GD5434 V1.00 Software Release Errata
Revision 1.2 April 1994
CL-GD543X CIRRUS-CL-GD543X Datasheet
10Mb / 140P
   CL-GD5434 V1.00 Software Release Errata
Revision 1.2 April 1994
More results

Similar Description - CL-GD546X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI7108 STMICROELECTRONICS-STI7108 Datasheet
258Kb / 12P
   Advanced HD AVC decoder with 3D graphics acceleration
STI7108M STMICROELECTRONICS-STI7108M Datasheet
91Kb / 4P
   Advanced HD AVC decoder with 3D graphics acceleration and MoCA
logo
Axiomtek Co., Ltd.
AX12600 AXIOMTEK-AX12600 Datasheet
138Kb / 1P
   Direct 3D Acceleration
logo
STMicroelectronics
STIH416 STMICROELECTRONICS-STIH416 Datasheet
304Kb / 4P
   Advanced HD AVC processor with 3D graphics acceleration and ARM Cortex-A9 SMP CPU
logo
List of Unclassifed Man...
UVGA-II(GFX) ETC2-UVGA-II(GFX) Datasheet
1Mb / 21P
   VGA Graphics Engine
UVGA-II(SGC) ETC2-UVGA-II(SGC) Datasheet
1Mb / 20P
   Serial VGA Graphics Engine
UVGA-III ETC2-UVGA-III Datasheet
2Mb / 19P
   VGA Graphics Engine-PACASO
logo
Epson Company
S1D13719 EPSON-S1D13719 Datasheet
157Kb / 2P
   S1D13719 Mobile Graphics Engine
logo
EPCOS
S1D13742F01A200 EPCOS-S1D13742F01A200 Datasheet
122Kb / 2P
   S1D13742 Mobile Graphics Engine
logo
Fujitsu Component Limit...
MB91590 FUJITSU-MB91590 Datasheet
1Mb / 2P
   32-bit MCU with Integrated Graphics Controller SoC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com