Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT70V3389S Datasheet(PDF) 16 Page - Integrated Device Technology

Part No. IDT70V3389S
Description  HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT70V3389S Datasheet(HTML) 16 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
6.42
IDT70V3389S
High-Speed 64K x 18 3.3V Dual-Port Synchronous Pipelined Static RAM
Industrial and Commercial Temperature Ranges
16
Orde ring I nfor m a t ion
Dat a she e t Doc um e nt H ist or y
01/18/99:
Initial Public Release
03/15/99:
Page 9
Additional notes
04/28/99:
Added fpBGA package
06/08/99:
Page 2
Changed package body height from 1.5mm to 1.4mm
06/15/99:
Page 5
Deleted note 6 for Table II
0714//99:
Page 2
Corrected pin T3 to VDDQL
08/04/99:
Page 6
Improved power numbers
10/01/99:
Upgraded speed to 133MHz, added 2.5V I/O capability
11/12/99:
Replaced IDT logo
02/28/00:
Added new BGA package, added full 2.5V interface capability
05/01/00:
Page 2
Added ball pitch
Page 3
Renamedpins
Page 6
Made corrections to Truth Table
Page 9 Changed
Ω numbers in figure 2
01/10/01:
Page 4
Added information to pin and pin notes
Page 6 Increased storage temperature parameter
Clarified TA Parameter
Page 8
DC Electrical parameters–changed wording from "open" to "disabled"
Removed note 7 on DC Characteristics table
Removed Preliminary status
04/10/01:
Added Industrial Temperature Ranges and removed related notes
NOTES:
1. Contact your local sales office for Industrial temp range in other speeds, packages and powers.
2 . Green parts available. For specific speeds, packages and powers contact your local sales office.
LEAD FINISH (SnPb) parts are in EOL process. Product Discontinuation Notice - PDN# SP-17-02
A
Power
99
Speed
A
Package
A
Process/
Temperature
Range
Blank
I(1)
Commercial (0°C to +70°C)
Industrial (-40°C to +85°C)
BF
PRF
BC
208-pin fpBGA (BF-208)
128-pin TQFP (PK-128)
256-pin BGA (BC-256)
4
5
6
XXXXX
Device
Type
Speed in nanoseconds
4832 drw 15a
S
Standard Power
70V3389
1Mbit (64K x 18-Bit) 3.3V
Synchronous Dual-Port RAM
Commercial Only
Commercial & Industrial
Commercial Only
G
(2)
Green
Blank
8
Tube or Tray
Tape and Reel
A
A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn