Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9102DE Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # DM9102DE
Description  SINGLE CHIP FAST ETHEMET NIC CONTROLLER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9102DE Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button DM9102DE Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
24
Preliminary datasheet
Version: DM9102D-DS-P02
Jan. 14, 2005
0
1
1
Move data from host memory to transmit FIFO
1
0
0
Close descriptor by clearing owner bit of descriptor
1
0
1
Waiting end of transmit
1
1
0
Transmit end and Close descriptor by writing status
1
1
1
Transmit process suspend
19:17
RXPS
000,RO
Receive Process State
These bits are read only and used to indicate the state of receive process. The
mapping table is shown below
Bit19 Bit18 Bit17
Process State
0
0
0
Receive process stopped
0
0
1
Fetch receive descriptor
0
1
0
Wait for receive packet under buffer available
0
1
1
Move data from receive FIFO to host memory
1
0
0
Close descriptor by clearing owner bit of descriptor
1
0
1
Close descriptor by writing status
1
1
0
Receive process suspended due to buffer unavailable
1
1
1
Purge the current frame from received FIFO
because of the unavailable received buffer
16
NIS
0,RW
Normal Interrupt Summary
Normal interrupt includes any of the three conditions:
CR5<0> – TXCI: Transmit Complete Interrupt
CR5<2> – TXDU: Transmit Buffer Unavailable
CR5<6> – RXCI: Receive Complete Interrupt
15
AIS
0,RW
Abnormal Interrupt Summary
Abnormal interrupt includes any interrupt condition as shown below, excluding
Normal Interrupt conditions. They are TXPS (bit1), TXJT (bit3), TXFU (bit5), RXDU
(bit7), RXPS (bit8), RXWT (bit9), SBE (bit13).
14
Reserved
0,RO
Reserved
13
SBE
0,RW
System Bus Error
The PCI system bus errors will set this bit. The type of system bus error is shown in
CR5<25:23>.
12:10
Reserved
0,RO
Reserved
9
RXWT
0,RW
Receive Watchdog Timer Expired
This bit is set to indicate that the receive watchdog timer has expired
8
RXPS
0,RW
Receive Process Stopped
This bit is set to indicate that the receive process enters the stopped state.
7
RXDU
0,RW
Receive Buffer Unavailable
This bit is set when the DM9102D fetches the next receive descriptor that is still
owned by the host. Receive process will be suspended until a new frame enters or
the receive polling command is set.
6
RXCI
0,RW
Receive Complete Interrupt
This bit is set when a received frame is fully moved into host memory and receive
status has been written to descriptor. Receive process is still running and continues to
fetch next descriptor.
5
TXFU
0,RW
Transmit FIFO Underrun
This bit is set when transmit FIFO has underrun condition during the packet
transmission. It may happen due to the heavy load on bus, cause transmit buffer
unavailable before end of packet. In this case, transmit process is placed in the
suspend state and underrun error TDES0<1> is set.
4
Reserved
0,RO
Reserved
3
TXJT
0,RW
Transmit Jabber Expired
This bit is set when the transmitted data is over 2048 byte


Similar Part No. - DM9102DE

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9102DE DAVICOM-DM9102DE Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DE DAVICOM-DM9102DE Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
More results

Similar Description - DM9102DE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
logo
Macronix International
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102H DAVICOM-DM9102H Datasheet
965Kb / 77P
   Single Chip Fast Ethernet NIC Controller
logo
Macronix International
MX98715A MCNIX-MX98715A Datasheet
215Kb / 32P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98L715BEC MCNIX-MX98L715BEC Datasheet
578Kb / 50P
   3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98715AEC-C MCNIX-MX98715AEC-C Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com