Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9102D Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # DM9102D
Description  SINGLE CHIP FAST ETHEMET NIC CONTROLLER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9102D Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button DM9102D Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9102D Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
Preliminary datasheet
19
Version: DM9102D-DS-P02
Jan. 14, 2005
6.1.12 Power Management Register (xxxxxx50H~PCIPMR)
31
16 15
0
87
Power Management Capabilities
Next Item Pointer
Capability Identifier
PMC
Next Item Pointer
Capability ID
Bit
Default
Type
Description
31:27
11000
RO
PME_ Support
This field indicates that the power states in which the function may assert PME#. A
value of 0 for any bit indicates that the function is not capable of asserting the PME#
signal while in that power state
bit27
PME# support D0
bit28
PME# support D1
bit29
PME# support D2
bit30
PME# support D3(hot)
bit31
PME# support D3(cold)
DM9102D’s bit31~27=11000 indicates PME# can be asserted from D3(hot) &
D3(cold)
These bits can be load from EEPROM word 7 bit [7:3]
26:25
00
RO
Reserved
These two bits can be load from EEPROM word 7 bit [1:0]
24:22
011
RO
Aux_ Current
This field reports the 3.3Vaux auxiliary current requirement for the PCI function.
The default value of this field is 011 means 160mA and it can be loaded from
EEPROM word 4 bit [15:13] if EEPROM word 4 bit [9] is 1
21
1
RO
A “1” indicates that the function requires a device specific initialization sequence
following transition to the D0 uninitialized state
This bit can be load from EEPROM word 7 bit [2]
20
0
RO
Reserved
19
0
RO
PME# Clock
“0” indicates that no PCI clock is required for the function to generate PME#
18:16
010
RO
Version
A default value of 010 indicates that this function complies with the Revision 1.1 of
the PCI Power Management Interface Specification
This value can be loaded from EEPROM word 4 bit [12:10] if EEPROM word 4 bit
[9] is 1
15:8
00H
RO
Next Item Pointer
The offset into the function’s PCI Configuration Space pointing to the location of
next item in the function’s capability list is “00H”
7:0
01H
RO
Capability Identifier
When “01H” indicates the linked list item as being the PCI Power Management
Registers


Similar Part No. - DM9102D

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DE DAVICOM-DM9102DE Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DE DAVICOM-DM9102DE Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
More results

Similar Description - DM9102D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
logo
Macronix International
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102H DAVICOM-DM9102H Datasheet
965Kb / 77P
   Single Chip Fast Ethernet NIC Controller
logo
Macronix International
MX98715A MCNIX-MX98715A Datasheet
215Kb / 32P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98L715BEC MCNIX-MX98L715BEC Datasheet
578Kb / 50P
   3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98715AEC-C MCNIX-MX98715AEC-C Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com