Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC28U512NBFA-0QC00 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # MC28U512NBFA-0QC00
Description  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC28U512NBFA-0QC00 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button MC28U512NBFA-0QC00 Datasheet HTML 2Page - Samsung semiconductor MC28U512NBFA-0QC00 Datasheet HTML 3Page - Samsung semiconductor MC28U512NBFA-0QC00 Datasheet HTML 4Page - Samsung semiconductor MC28U512NBFA-0QC00 Datasheet HTML 5Page - Samsung semiconductor MC28U512NBFA-0QC00 Datasheet HTML 6Page - Samsung semiconductor MC28U512NBFA-0QC00 Datasheet HTML 7Page - Samsung semiconductor MC28U512NBFA-0QC00 Datasheet HTML 8Page - Samsung semiconductor MC28U512NBFA-0QC00 Datasheet HTML 9Page - Samsung semiconductor MC28U512NBFA-0QC00 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
MultiMediaCard
TM
6
Table 1-2 Ordering Information
M(1) C(2) X(3) X(4) X(5) X(6) X(7) X(8) X(9) X(10) X(11) X(12) –(13) X(14) X(15) X(16) X(17) X(18)
(1) Module : M
(2) Card : C
(3) ~(4) : Flash Density
28 : 128Mb
56 : 256Mb
12 : 512Mb
1G : 1Gb
1D : 1Gb DDP
2D : 2Gb DDP
(5) Feature
U : MultimediaCard
(6) ~ (8) Card Density
016 : 16MB
032 : 32MB
064 : 64MB
128 : 128MB
256 : 256MB
512 : 512MB
(9) Card Type
N : Standard MultiMediaCard
H : Reduced-Size MultiMediaCard
(10) Flash Generation
M : 1
st Generation
A : 2
nd Generation
B : 3
rd Generation
C : 4
th Generation
D : 5
th Generation
(11) Flash Package
C : CHIP
Y : TSOP 1
V : WSOP
F : WSOP(Lead Free)
(12) PCB Revision
A : None
B : 1
st Rev.
C : 2
nd Rev.
(13) “ –“
(14) Packing Type
0 : Bulk Type I
1 : Bulk Type II (By White Case)
2 : Bulk Type I (No Label)
3 : Bulk Type II (No Label)
4 : Bulk Type I (Only Back Label)
5 : Bulk Type II (Only Back Label)
(15) Controller
Q : S3F49DAX
(16) Controller Firmware Revision
A : None
B : 1
st Rev.
C : 2
nd Rev.
D : 3
rd Rev.
E : 4
th Rev.
(17) ~ (18) Customer Grade
“Customer List Reference”
The performance of the communication channel is described in the table below
MultiMediaCard Mode
SPI Mode
Three-wire serial data bus (clock, command,
data)
Three-wire serial data bus (clock, dataIn,
dataOut) + card specific CS signal
Up to 64k cards addressable by the bus
protocol
Card selection via a hardware CS signal
Up to 30 cards stackable on a single physical
bus
Card stacks require a “per card” CS signal
Easy identification and assignment of session
address to individual cards in a card stack
Not available. Card selection via a hardware
CS signal
Error-protected data transfer
Optional. A non protected data transfer mode is
available
single/multiple block read/write command
Single/multiple block read/write commands


Similar Part No. - MC28U512NBFA-0QC00

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MC28-2-A SLPOWER-MC28-2-A Datasheet
374Kb / 7P
   DC Power Supplies
MC28-2-A SLPOWER-MC28-2-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
List of Unclassifed Man...
MC2800 ETC1-MC2800 Datasheet
1Mb / 63P
   Technical Specifications Multiple Motor Type
logo
Motorola, Inc
MC2800EVK MOTOROLA-MC2800EVK Datasheet
225Kb / 10P
   FLEX Paging RF/IF Receiver Board
MC2800SYNEVK MOTOROLA-MC2800SYNEVK Datasheet
261Kb / 11P
   FLEX Paging RF/IF Frequency Synthesizer Receiver
More results

Similar Description - MC28U512NBFA-0QC00

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com