Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVX273 Datasheet(PDF) 2 Page - STMicroelectronics

Part No. 74LVX273
Description  LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP WITH CLEAR (5V TOLERANT INPUTS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX273 Datasheet(HTML) 2 Page - STMicroelectronics

  74LVX273 Datasheet HTML 1Page - STMicroelectronics 74LVX273 Datasheet HTML 2Page - STMicroelectronics 74LVX273 Datasheet HTML 3Page - STMicroelectronics 74LVX273 Datasheet HTML 4Page - STMicroelectronics 74LVX273 Datasheet HTML 5Page - STMicroelectronics 74LVX273 Datasheet HTML 6Page - STMicroelectronics 74LVX273 Datasheet HTML 7Page - STMicroelectronics 74LVX273 Datasheet HTML 8Page - STMicroelectronics 74LVX273 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
74LVX273
2/12
Figure 2: Input Equivalent Circuit
Table 2: Pin Description
Table 3: Truth Table
X : Don’t Care
Figure 3: Logic Diagram
This logic diagram has not be used to estimate propagation delays
PIN N°
SYMBOL
NAME AND FUNCTION
1CLEAR
Asynchronous Master
Reset (Active LOW)
2, 5, 6, 9, 12,
15, 16,19
Q0 to Q7
Flip-Flop Outputs
3, 4, 7, 8, 13,
14, 17, 18
D0 to D7
Data Inputs
11
CLOCK
Clock Input (LOW-to-HIGH
Edge Triggered)
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
INPUTS
OUTPUT
FUNCTION
CLEAR
DB
Q
L
X
X
L
CLEAR
HL
L
HH
H
HX
Qn
NO CHANGE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL