Electronic Components Datasheet Search |
|
2SK3210L Datasheet(PDF) 2 Page - Hitachi Semiconductor |
|
2SK3210L Datasheet(HTML) 2 Page - Hitachi Semiconductor |
2 / 5 page 2SK3210(L), 2SK3210(S) 2 Absolute Maximum Ratings (Ta = 25 °C) Item Symbol Ratings Unit Drain to source voltage V DSS 150 V Gate to source voltage V GSS ±20 V Drain current I D 30 A Drain peak current I D(pulse) Note1 120 A Body-drain diode reverse drain current I DR 30 A Avalanche current I AP Note3 30 A Avalanche energy E AR Note3 67 mJ Channel dissipation Pch Note2 100 W Channel temperature Tch 150 °C Storage temperature Tstg –55 to +150 °C Note: 1. PW ≤ 10µs, duty cycle ≤ 1 % 2. Value at Tc = 25 °C 3. Value at Tch = 25 °C, Rg ≥ 50Ω |
Similar Part No. - 2SK3210L |
|
Similar Description - 2SK3210L |