Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1S2076 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. 1S2076
Description  Silicon Epitaxial Planar Diode for High Speed Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1S2076 Datasheet(HTML) 2 Page - Renesas Technology Corp

  1S2076 Datasheet HTML 1Page - Renesas Technology Corp 1S2076 Datasheet HTML 2Page - Renesas Technology Corp 1S2076 Datasheet HTML 3Page - Renesas Technology Corp 1S2076 Datasheet HTML 4Page - Renesas Technology Corp 1S2076 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1S2076
Rev.3.00 Mar 16, 2005 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Peak reverse voltage
VRM
35
V
Reverse voltage
VR
30
V
Peak forward current
IFM
450
mA
Non-Repetitive peak forward surge current
IFSM *
1
A
Average rectified current
IO
150
mA
Power dissipation
Pd
250
mW
Junction temperature
Tj
175
°C
Storage temperature
Tstg
−65 to +175
°C
Note:
Within 1s forward surge current.
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
VF
0.64
0.8
V
IF = 10 mA
Reverse current
IR
100
nA
VR = 30 V
Capacitance
C
3.0
pF
VR = 1 V, f = 1 MHz
Reverse recovery time
trr *
8.0
ns
IF = IR = 10 mA, Irr = 1 mA
Note: Reverse recovery time test circuit
0.1
µF
DC
Supply
Pulse
Generator
Ro = 50
Rin = 50
Sampling
Oscilloscope
3 k
Trigger


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn