Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GBPC2502A Datasheet(PDF) 4 Page - International Rectifier

Part No. GBPC2502A
Description  SINGLE PHASE BRIDGE Power Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GBPC2502A Datasheet(HTML) 4 Page - International Rectifier

  GBPC2502A Datasheet HTML 1Page - International Rectifier GBPC2502A Datasheet HTML 2Page - International Rectifier GBPC2502A Datasheet HTML 3Page - International Rectifier GBPC2502A Datasheet HTML 4Page - International Rectifier GBPC2502A Datasheet HTML 5Page - International Rectifier GBPC2502A Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GBPC.. Series
4
Bulletin I27505 rev. F 03/03
www.irf.com
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 1 - Current Ratings Characteristics
Fig. 3 - Total Power Loss Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
50
60
70
80
90
100
110
120
130
140
150
0
5
10
15
20
25
30
180˚
(Sine)
180˚
(Rect)
GBPC25.. Series
Instantaneous Forward Voltage (V)
Average Forward Current (A)
Average Forward Current (A)
Maximum Allowable Ambient Temperature °C
Number of Equal Amplitude Half Cycle Current Pulses (N)
Pulse Train Duration (s)
50
100
150
200
250
300
350
400
0.01
0.1
1
Maximum Non Repetitive Surge Current
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
Versus Pulse Train Duration.
RRM
J
GBPC25.. Series
100
150
200
250
300
350
400
1
10
100
Initial T = 150°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
GBPC25.. Series
25
50
75
100
3 K/W
1 K/W
R
= 0.7
K/W
- Delta
R
thSA
2 K/W
0
10
20
30
40
50
0
5
10
15
20
25
180˚
(Sine)
180˚
(Rect)
GBPC25.. Series
T
= 150˚C
J
1
10
100
1000
0.5
1
1.5
2
2.5
T = 25˚C
J
T = 150˚C
J
GBPC25.. Series


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
26MB140 SINGLE PHASE BRIDGE Power Modules 1  2  3  4  5  More International Rectifier
EH60 SINGLE PHASE BRIDGE MODULES 1  2  Microsemi Corporation
36MT160 THREE PHASE BRIDGE Power Modules 1  2  3  4  5  More International Rectifier
MT200 SINGLE PHASE BRIDGE MODULES 1  2  Microsemi Corporation
OM100L60CMIS CERMOD-TM HERMETIC HIGH POWER MODULES THREE PHASE BRIDGE IGBT’S 1  2  3  4  5  More International Rectifier
KBU601 Single Phase 6.0 AMPS. Silicon Bridge Rectifiers  1  2  Surge Components
2KBP005M IN-LINE GLASS PASSIVATED SINGLE PHASE RECTIFIER BRIDGE 1  2  Transys Electronics
1W005 SINGLE PHASE 1.0 AMP SILICON BRIDGE RECTIFIERS 1  2  Jinan Gude Electronic Device
KBPC600G SINGLE PHASE 6.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS 1  2  Jinan Gude Electronic Device
W005MG MINIATURE SINGLE PHASE 1.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS 1  2  Jinan Gude Electronic Device

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn