Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GBPC2502A Datasheet(PDF) 3 Page - International Rectifier

Part No. GBPC2502A
Description  SINGLE PHASE BRIDGE Power Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GBPC2502A Datasheet(HTML) 3 Page - International Rectifier

  GBPC2502A Datasheet HTML 1Page - International Rectifier GBPC2502A Datasheet HTML 2Page - International Rectifier GBPC2502A Datasheet HTML 3Page - International Rectifier GBPC2502A Datasheet HTML 4Page - International Rectifier GBPC2502A Datasheet HTML 5Page - International Rectifier GBPC2502A Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GBPC.. Series
3
Bulletin I27505 rev. F 03/03
www.irf.com
T
J
Junction temperature range
-55 to 150
oC
T
stg
Storage temperature range
-55 to 150
oC
R
thJC
Max. thermal resistance junct. to case
1.7
1.4
K/W
DCoperationperbridge
R
thCS
Max. thermal resist., case to heatsink
0.2
K/W
Mounting surface , smooth, flat and greased
wt
Approximate weight
16
g
T
Mounting Torque
± 10%
2.0
Nm
Bridge to heatsink
Parameters
GBPC25
GBPC35
Units Conditions
25
=
25A (Avg)
35
=
35A (Avg)
1
-
Circuit configuration:
Single phase bridge coding
2
-
Current rating code:
3
-
Voltage Code: code x 100 = V
RRM
4
-
Diode bridge rectifier:
A
=
Standard Fasten Terminal
W
=
Wire Lead
GBPC
35
12
A
1
2
3
4
Thermal and Mechanical Specifications
Ordering Information Table
Device Code
Outline Table
All dimensions are in millimeters
GBPC...A
GBPC...W
AC1
AC1
AC2
AC2


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
26MB140 SINGLE PHASE BRIDGE Power Modules 1  2  3  4  5  More International Rectifier
EH60 SINGLE PHASE BRIDGE MODULES 1  2  Microsemi Corporation
36MT160 THREE PHASE BRIDGE Power Modules 1  2  3  4  5  More International Rectifier
MT200 SINGLE PHASE BRIDGE MODULES 1  2  Microsemi Corporation
OM100L60CMIS CERMOD-TM HERMETIC HIGH POWER MODULES THREE PHASE BRIDGE IGBT’S 1  2  3  4  5  More International Rectifier
KBU601 Single Phase 6.0 AMPS. Silicon Bridge Rectifiers  1  2  Surge Components
2KBP005M IN-LINE GLASS PASSIVATED SINGLE PHASE RECTIFIER BRIDGE 1  2  Transys Electronics
1W005 SINGLE PHASE 1.0 AMP SILICON BRIDGE RECTIFIERS 1  2  Jinan Gude Electronic Device
KBPC600G SINGLE PHASE 6.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS 1  2  Jinan Gude Electronic Device
W005MG MINIATURE SINGLE PHASE 1.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS 1  2  Jinan Gude Electronic Device

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn