Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GBPC2502A Datasheet(PDF) 2 Page - International Rectifier

Part No. GBPC2502A
Description  SINGLE PHASE BRIDGE Power Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GBPC2502A Datasheet(HTML) 2 Page - International Rectifier

  GBPC2502A Datasheet HTML 1Page - International Rectifier GBPC2502A Datasheet HTML 2Page - International Rectifier GBPC2502A Datasheet HTML 3Page - International Rectifier GBPC2502A Datasheet HTML 4Page - International Rectifier GBPC2502A Datasheet HTML 5Page - International Rectifier GBPC2502A Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GBPC.. Series
2
Bulletin I27505 rev. F 03/03
www.irf.com
I
O
Maximum DC output current
25
35
A
Resistive or inductive load
20
28
A
Capacitive load
@ Case temperature
60
55
°C
I
FSM
Maximum peak, one-cycle
400
475
A
t = 10ms
No voltage
Initial T
J
=T
J
max.
non-repetitive forward current
420
500
t = 8.3ms
reapplied
335
400
t = 10ms
100% V
RRM
350
420
t = 8.3ms
reapplied
I2t
Maximum I2t for fusing
790
1130
A2s
t = 10ms
No voltage
725
1030
t = 8.3ms
reapplied
560
800
t = 10ms
100% V
RRM
512
730
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
7.9
11.3
KA2
√sI2t for time t
x
= I2
√t x √t
x
;
0.1
≤ t
x ≤ 10ms, VRRM = 0V
V
F(TO)1
Low-level of threshold voltage
0.76
0.77
V
(16.7% x
πxI
F(AV)
< I <
πxI
F(AV)
), @ T
J
max.
V
F(TO)2
High-level of threshold voltage
0.89
0.92
(I >
π x I
F(AV)), @ TJ max.
r
t1
Low-level forward slope resistance
8.2
4.852
m
(16.7% x
πxI
F(AV)
< I <
πxI
F(AV)
), @ T
J
max.
r
t2
High-level forward slope resistance
6.8
3.867
(I >
π x I
F(AV)), @ TJ max.
V
FM
Maximum forward voltage drop
1.1
1.1
V
T
J
= 25 oC, I
FM
= IFavg (arm)
IRRM
Max. DC reverse current
5.0
5.0
µAT
J
= 25 oC, per diode at VRRM
VINS
RMS isolation voltage base plate
2700
2700
V
f = 50 Hz, t = 1s
Forward Conduction
Voltage
V
RRM
, max repetitive
V
RSM
, max non-repetitive
I
RRM
max.
I
RRM
max.
Type number
Code
peak AC rev. voltage
peak AC rev. voltage
@ rated V
RRM
D.C. rev. curr.
T
J
= T
J
max.
T
J
= T
J
max.
T
J
= T
J
max.
@ T= 125°C
V
V
mA
(µA)
02
200
275
2
500
GBPC25/35..A
04
400
500
2
500
GBPC25/35..W
06
600
725
2
500
(*)
08
800
900
2
500
10
1000
1100
2
500
12
1200
1300
2
500
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Parameters
GBPC25
GBPC35
Units Conditions
(*) please see Ordering Information Table - page 3


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
26MB140 SINGLE PHASE BRIDGE Power Modules 1  2  3  4  5  More International Rectifier
EH60 SINGLE PHASE BRIDGE MODULES 1  2  Microsemi Corporation
36MT160 THREE PHASE BRIDGE Power Modules 1  2  3  4  5  More International Rectifier
MT200 SINGLE PHASE BRIDGE MODULES 1  2  Microsemi Corporation
OM100L60CMIS CERMOD-TM HERMETIC HIGH POWER MODULES THREE PHASE BRIDGE IGBT’S 1  2  3  4  5  More International Rectifier
KBU601 Single Phase 6.0 AMPS. Silicon Bridge Rectifiers  1  2  Surge Components
2KBP005M IN-LINE GLASS PASSIVATED SINGLE PHASE RECTIFIER BRIDGE 1  2  Transys Electronics
1W005 SINGLE PHASE 1.0 AMP SILICON BRIDGE RECTIFIERS 1  2  Jinan Gude Electronic Device
KBPC600G SINGLE PHASE 6.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS 1  2  Jinan Gude Electronic Device
W005MG MINIATURE SINGLE PHASE 1.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS 1  2  Jinan Gude Electronic Device

Link URL