Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIC03272 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FIC03272
Description  Microprocessor for handling signals from the TGS4161 carbon dioxide sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FIC03272 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FIC03272 Datasheet HTML 1Page - List of Unclassifed Manufacturers FIC03272 Datasheet HTML 2Page - List of Unclassifed Manufacturers FIC03272 Datasheet HTML 3Page - List of Unclassifed Manufacturers FIC03272 Datasheet HTML 4Page - List of Unclassifed Manufacturers FIC03272 Datasheet HTML 5Page - List of Unclassifed Manufacturers FIC03272 Datasheet HTML 6Page - List of Unclassifed Manufacturers FIC03272 Datasheet HTML 7Page - List of Unclassifed Manufacturers FIC03272 Datasheet HTML 8Page - List of Unclassifed Manufacturers FIC03272 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Revised 06/04
5
TECHNICAL INFORMATION FOR FIC03272
4-1-3 Input signal Tr for automatic benchmark reset (Pin
No. 13)
Whenever the benchmark level Vg has only been
adjusted (Sec. 4-1-2) and has not been renewed (Sec.
1-1) for a pre-set period of time (Tr), it should be auto-
matically reset at the current output signal in ambient
air. Table 4 shows the time intervals (Tr) which can
be pre-set by applying a signal to Port R52.
4-1-4 Input signal for damper control (Pin No. 9)
Concentration levels of CO2 at which the damper
control signals are activated are selected by inputting
a voltage signal to port AIN2. Sensor output voltage
is first AD converted within the microprocessor. The
relationship between these AD converted values and
CO2 concentrations is shown in Table 5. Whenever a
CO2 concentration exceeds the threshold level for
opening the damper (Cd1), a low signal (L) is output
from port R60. A high signal (H) is output for closing
the damper when the CO2 concentration drops
beneath the Cd2 level. Figure 11 shows the circuit
for damper control signal threshold. Please note that
a high signal (H) is designed to be output during the
sensor’s initial warm-up period and also whenever
the malfunction signal is activated.
4-2 Gas sensor signal Vg input (Pin No. 7)
Since the raw sensor output voltage (EMF) actually
decreases as CO2 concentration increases, the sensor’s
output voltage is reversed, amplified and adjusted
(please refer to Figure 3, Sec. 4-4, and Sec. 5-1 for
details). The result of this process is a gas sensor signal
Vg with good resolution and which increases/
decreases as CO2 concentration increases/decreases.
This gas sensor signal Vg is input to port AIN0.
4-3 Thermistor signal VT input (Pin No. 8)
To compensate for the temperature dependency of
CO2 sensor, a signal from an external thermistor (VT)
is input to port AIN1.
4-4 Bias signal output (Pin No. 24)
A PWM signal, of which the pulse width is variable,
is output from port R90. To optimize the resolution
of Vg readings, this signal is introduced to the
differential circuit after being converted to an analog
voltage, and adjusts the benchmark level Vg to fall
between 25 and 51 counts at AD converted value, or
0.38 ~ 0.75V at 3.8V full scale. The bias signal starts
from 128 counts (1.9V at 3.8V full scale) when the
power is switched on, and reduces the count stepwise
along with the sensor’s initial action until Vg falls
and then stabilizes at the above stated level.
4-5 Manual benchmark reset signal input (Pin No. 27)
The benchmark level can be reset manually at any
time by inputting an “L” pulse to port KEO. This
manual benchmark reset should be done in a clean
atmosphere where the CO2 concentration is about
400ppm (please refer to Sec. 5-6 - Benchmark reset
circuit).
Note: If the benchmark level is manually reset under
a high CO2 concentration environment, the device’s
sensitivity would be decreased and calculated CO2
concentration values would be less than the actual
concentration.
4-6 Sensor signal output
4-6-1 PWM signal output for CO2 concentration (Pin No. 25)
A PWM signal is output from port R91 to show CO2
g
n
i
t
t
e
S
t
u
p
n
I
l
a
n
g
i
S
"
H
"
"
L
"
e
m
i
t
t
e
s
e
r
o
t
u
A
)
r
T
(
s
y
a
d
7s
y
a
d
0
3
Table 4 - Auto reset timer setting (AM-4-4161 default = 7 days)
t
u
p
n
i
l
a
n
g
i
S
)
*
5
5
2
-
0
:
d
e
t
r
e
v
n
o
c
D
A
(
)
m
p
p
(
1
d
C
)
m
p
p
(
2
d
C
8
4
-
00
0
80
2
7
6
9
-
9
40
0
0
10
0
8
4
4
1
-
7
90
0
5
10
0
3
1
2
9
1
-
5
4
10
0
0
20
0
8
1
5
5
2
-
3
9
10
0
0
30
0
7
2
Table 5 - Thresholds for damper OPEN/CLOSE signal
Cd1: Threshold for OPEN signal
Cd2: Threshold for CLOSE signal
* 8-bit - Least significant byte=3.8V/256


Similar Part No. - FIC03272

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FIC001GSC1T AXIOMTEK-FIC001GSC1T Datasheet
380Kb / 1P
   CompactFlash specification standard
FIC002GSC1T AXIOMTEK-FIC002GSC1T Datasheet
380Kb / 1P
   CompactFlash specification standard
FIC004GSC1T AXIOMTEK-FIC004GSC1T Datasheet
380Kb / 1P
   CompactFlash specification standard
FIC008GSC1T AXIOMTEK-FIC008GSC1T Datasheet
380Kb / 1P
   CompactFlash specification standard
FIC016GSC1T AXIOMTEK-FIC016GSC1T Datasheet
380Kb / 1P
   CompactFlash specification standard
More results

Similar Description - FIC03272

ManufacturerPart #DatasheetDescription
logo
Figaro Engineering Inc.
TGS4161 FIGARO-TGS4161 Datasheet
235Kb / 2P
   for the detection of Carbon Dioxide
logo
Greystone Energy System...
CD2DT GREYSTONE-CD2DT Datasheet
271Kb / 2P
   DUCT CARBON DIOXIDE TRANSMITTER
CEDT GREYSTONE-CEDT Datasheet
421Kb / 2P
   DUCT CARBON DIOXIDE TRANSMITTER
CDD5X1 GREYSTONE-CDD5X1 Datasheet
402Kb / 2P
   ROOM CARBON DIOXIDE DETECTOR
CD2RMC GREYSTONE-CD2RMC Datasheet
268Kb / 2P
   ROOM CARBON DIOXIDE DETECTOR
CD2OS GREYSTONE-CD2OS Datasheet
306Kb / 2P
   OUTSIDE CARBON DIOXIDE TRANSMITTER
CDDT GREYSTONE-CDDT Datasheet
314Kb / 2P
   DUCT CARBON DIOXIDE TRANSMITTER
logo
Vaisala
GMP251 VAISALA-GMP251 Datasheet
229Kb / 3P
   GMP251 Carbon Dioxide Probe
GMP252 VAISALA-GMP252 Datasheet
279Kb / 3P
   GMP252 Carbon Dioxide Probe
GMP343 VAISALA-GMP343 Datasheet
209Kb / 3P
   GMP343 Carbon Dioxide Probe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com