Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3174A Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SK3174A
Description  Silicon N Channel MOS FET UHF Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK3174A Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SK3174A Datasheet HTML 1Page - Hitachi Semiconductor 2SK3174A Datasheet HTML 2Page - Hitachi Semiconductor 2SK3174A Datasheet HTML 3Page - Hitachi Semiconductor 2SK3174A Datasheet HTML 4Page - Hitachi Semiconductor 2SK3174A Datasheet HTML 5Page - Hitachi Semiconductor 2SK3174A Datasheet HTML 6Page - Hitachi Semiconductor 2SK3174A Datasheet HTML 7Page - Hitachi Semiconductor 2SK3174A Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SK3174A
Rev.0, Aug. 2001, page 3 of 8
Main Characteristics
400
300
200
100
0
50
100
150
200
Case Temperature
Tc (
°C)
Power vs. Temperature Derating
50
20
10
2
5
1
0.5
2
1
5
10
20
100
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
20
16
12
8
4
0
2
468
10
Typical Output Characteristics
20
16
12
8
4
0
1
23
45
6
Gate to Source Voltage
V
(V)
Typical Transfer Characteristics
V
= 10 V
DS
Pulse Test
50
V
= 3 V
GS
6 V
5 V
4 V
Pulse Test
Shows 1 unit FET
8 V
10 V
GS
Drain to Source Voltage
V
(V)
DS
Shows 1 unit FET


Similar Part No. - 2SK3174A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3175A HITACHI-2SK3175A Datasheet
79Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Toshiba Semiconductor
2SK3176 TOSHIBA-2SK3176 Datasheet
139Kb / 2P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3176 TOSHIBA-2SK3176 Datasheet
185Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter and Motor Drive Applications
2SK3176 TOSHIBA-2SK3176 Datasheet
168Kb / 6P
   Switching Regulator, DC-DC Converter and Motor Drive Applications
2SK3176 TOSHIBA-2SK3176 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SK3174A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2596 RENESAS-2SK2596 Datasheet
61Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK2596 RENESAS-2SK2596_07 Datasheet
145Kb / 10P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK3390 RENESAS-2SK3390 Datasheet
180Kb / 12P
   Silicon N-Channel MOS FET UHF Power Amplifier
Nov 08, 2007
logo
Hitachi Semiconductor
2SK3175A HITACHI-2SK3175A Datasheet
79Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK3391 RENESAS-2SK3391_07 Datasheet
150Kb / 10P
   Silicon N-Channel MOS FET UHF Power Amplifier
logo
Hitachi Semiconductor
2SK2922 HITACHI-2SK2922 Datasheet
36Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
2SK2795 HITACHI-2SK2795 Datasheet
40Kb / 6P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2595 RENESAS-2SK2595 Datasheet
115Kb / 14P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK3391 RENESAS-2SK3391 Datasheet
62Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
Rev.2.00, Apr.14.2004,
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com