Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3174A Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # 2SK3174A
Description  Silicon N Channel MOS FET UHF Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK3174A Datasheet(HTML) 6 Page - Hitachi Semiconductor

  2SK3174A Datasheet HTML 1Page - Hitachi Semiconductor 2SK3174A Datasheet HTML 2Page - Hitachi Semiconductor 2SK3174A Datasheet HTML 3Page - Hitachi Semiconductor 2SK3174A Datasheet HTML 4Page - Hitachi Semiconductor 2SK3174A Datasheet HTML 5Page - Hitachi Semiconductor 2SK3174A Datasheet HTML 6Page - Hitachi Semiconductor 2SK3174A Datasheet HTML 7Page - Hitachi Semiconductor 2SK3174A Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SK3174A
Rev.0, Aug. 2001, page 6 of 8
30
46
42
38
34
Frequency f (MHz)
830
840
850
860
870
880
890
300
200
150
100
50
0
50
20
30
40
50
60
V
= 28 V
I
=1.2A
f
= 860 MHz
∆ f=1MHz
DS
c
DQ
Inter Modulation
vs. Total Output Power
Total Output Power
Pout-total (dBm)
250
80
60
50
40
30
20
70
Output Power, Drain Rational
vs. Frequency
Pout
ηD
70
IM3H
IM3L
IM7H
IM5L
IM5H
IM7L
V
= 28 V
I
= 1.2 A
Pin = 14 W
DS
DQ
80
90
100


Similar Part No. - 2SK3174A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3175A HITACHI-2SK3175A Datasheet
79Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Toshiba Semiconductor
2SK3176 TOSHIBA-2SK3176 Datasheet
139Kb / 2P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3176 TOSHIBA-2SK3176 Datasheet
185Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter and Motor Drive Applications
2SK3176 TOSHIBA-2SK3176 Datasheet
168Kb / 6P
   Switching Regulator, DC-DC Converter and Motor Drive Applications
2SK3176 TOSHIBA-2SK3176 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SK3174A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2596 RENESAS-2SK2596 Datasheet
61Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK2596 RENESAS-2SK2596_07 Datasheet
145Kb / 10P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK3390 RENESAS-2SK3390 Datasheet
180Kb / 12P
   Silicon N-Channel MOS FET UHF Power Amplifier
Nov 08, 2007
logo
Hitachi Semiconductor
2SK3175A HITACHI-2SK3175A Datasheet
79Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK3391 RENESAS-2SK3391_07 Datasheet
150Kb / 10P
   Silicon N-Channel MOS FET UHF Power Amplifier
logo
Hitachi Semiconductor
2SK2922 HITACHI-2SK2922 Datasheet
36Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
2SK2795 HITACHI-2SK2795 Datasheet
40Kb / 6P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2595 RENESAS-2SK2595 Datasheet
115Kb / 14P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK3391 RENESAS-2SK3391 Datasheet
62Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
Rev.2.00, Apr.14.2004,
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com