Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3077 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK3077
Description  900 MHz BAND AMPLIFIER APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3077 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3077 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3077 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3077 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3077 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SK3077
2001-12-26
1
TOSHIBA FIELD EFFECT TRANSISTOR SILICON N CHANNEL MOS TYPE
2SK3077
900 MHz BAND AMPLIFIER APPLICATIONS (GSM)
l Output Power
: PO = 15.0 dBmW (Min.)
l Gain
: GP = 15.0 dB (Min.)
l Drain Efficiency
: ηD = 20% (Typ.)
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Drain-Source Voltage
VDSS
10
V
Gate-Source Voltage
VGSS
5
V
Drain Current
ID
0.1
A
Power Dissipation
PD*
0.1
W
Channel Temperature
Tch
150
°C
Storage Temperature Range
Tstg
−45~150
°C
*:
Tc = 25°C When mounted on a 1.6 mm glass epoxy PCB
MARKING
Unit: mm
JEDEC
JEITA
TOSHIBA
2−2K1D


Similar Part No. - 2SK3077

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3077 TOSHIBA-2SK3077 Datasheet
151Kb / 4P
   SILICON N CHANNEL MOS TYPE 900 MHz BAND AMPLIFIER APPLICATIONS (GSM)
2SK3077 TOSHIBA-2SK3077 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3077A TOSHIBA-2SK3077A Datasheet
113Kb / 5P
   VHF/UHF Band Amplifier Applications
2SK3077 TOSHIBA-2SK3077_07 Datasheet
151Kb / 4P
   SILICON N CHANNEL MOS TYPE 900 MHz BAND AMPLIFIER APPLICATIONS (GSM)
More results

Similar Description - 2SK3077

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3078 TOSHIBA-2SK3078 Datasheet
172Kb / 3P
   900 MHz BAND AMPLIFIER APPLICATIONS (GSM)
2SK3077 TOSHIBA-2SK3077_07 Datasheet
151Kb / 4P
   SILICON N CHANNEL MOS TYPE 900 MHz BAND AMPLIFIER APPLICATIONS (GSM)
logo
Panasonic Semiconductor
AN26130A PANASONIC-AN26130A Datasheet
476Kb / 16P
   Loop through Amplifier IC for VHF & UHF Band (40 MHz to 900 MHz) Applications
logo
Toshiba Semiconductor
2SK4037 TOSHIBA-2SK4037 Datasheet
171Kb / 5P
   470 MHz Band Amplifier Applications
logo
TEMIC Semiconductors
U2762B TEMIC-U2762B Datasheet
299Kb / 9P
   900-MHz ISM Band Receiver
logo
Skyworks Solutions Inc.
AP147-320 SKYWORKS-AP147-320 Datasheet
1Mb / 11P
   ISM 900 MHz Band 2-Watt InGaP HBT Power Amplifier
logo
WALSIN TECHNOLOGY CORPO...
RFBLN16080G9D3T WALSIN-RFBLN16080G9D3T Datasheet
633Kb / 7P
   900 MHz GSM Band RF Application
logo
Synaptics Incorporated.
RF106 CONEXANT-RF106 Datasheet
64Kb / 6P
   RF106 900 MHz Power Amplifier
logo
WALSIN TECHNOLOGY CORPO...
RFLPF06050G9D0T WALSIN-RFLPF06050G9D0T Datasheet
602Kb / 7P
   850/900 MHz GSM Band RF Application
logo
World Produts Inc.
WPANT30104-S1B WPI-WPANT30104-S1B Datasheet
103Kb / 3P
   900 MHz ISM band Omni-Directional Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com