Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2095N Datasheet(PDF) 3 Page - Rohm

Part # 2SK2095N
Description  Small Switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SK2095N Datasheet(HTML) 3 Page - Rohm

  2SK2095N Datasheet HTML 1Page - Rohm 2SK2095N Datasheet HTML 2Page - Rohm 2SK2095N Datasheet HTML 3Page - Rohm 2SK2095N Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
96
Transistors
2SK2095N


Similar Part No. - 2SK2095N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SK2095N VBSEMI-2SK2095N Datasheet
2Mb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - 2SK2095N

ManufacturerPart #DatasheetDescription
logo
Rohm
QS6M3 ROHM-QS6M3 Datasheet
86Kb / 8P
   Small switching
QS6J3TR ROHM-QS6J3TR Datasheet
68Kb / 4P
   Small switching
QS6U24 ROHM-QS6U24 Datasheet
41Kb / 3P
   Small switching
logo
Guangdong Kexin Industr...
2SK3050 KEXIN-2SK3050 Datasheet
44Kb / 1P
   Small Switching
logo
Rohm
QS6M4 ROHM-QS6M4 Datasheet
75Kb / 6P
   Small switching
US6M1 ROHM-US6M1 Datasheet
87Kb / 8P
   Small switching
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Rohm
QS6J1 ROHM-QS6J1 Datasheet
62Kb / 4P
   Small switching (-20V, -1.5A)
US6J2 ROHM-US6J2 Datasheet
64Kb / 5P
   Small switching (−20V, −1A)
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
   Small-Signal Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com