Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SF26G-T Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part No. SF26G-T
Description  2A, 50V - 600V Glass Passivated Super Fast Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo 

SF26G-T Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SF21G-T - SF28G-T
Taiwan Semiconductor
1
Version:B1705
2A, 50V - 600V Glass Passivated Super Fast Rectifier
FEATURES
● Glass passivated chip junction
● High efficiency, Low V
F
● High current capability
● High surge current capability
● Low power loss
● Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● High frequency rectification
● Freewheeling application
● Switching mode converters and inverters in computer and
telecommunication.
MECHANICAL DATA
● Case: DO-204AC (DO-15)
● Molding compound meets UL 94V-0 flammability rating
● Packing code with suffix "G" means green compound
(halogen-free)
● Terminal: Pure tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 1A whisker test
● Polarity: As marked
● Weight: 0.4 g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF(AV)
2
A
VRRM
50 - 600
V
IFSM
50
A
TJ MAX
150
°C
Package
DO-204AC (DO-15)
Configuration
Single Die
DO-204AC (DO-15)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
SF21
G-T
SF22
G-T
SF23
G-T
SF24
G-T
SF25
G-T
SF26
G-T
SF27
G-T
SF28
G-T
UNIT
Marking code on the device
SF21G
SF22G
SF23G
SF24G
SF25G
SF26G
SF27G
SF28G
Repetitive peak reverse
voltage
VRRM
50
100
150
200
300
400
500
600
V
Reverse voltage, total rms
value
VR(RMS)
35
70
105
140
210
280
350
420
V
Maximum DC blocking
voltage
VDC
50
100
150
200
300
400
500
600
V
Forward current
IF(AV)
2
A
Surge peak forward current,
8.3 ms single half sine-wave
superimposed on rated load
per diode
IFSM
50
A
Junction temperature
TJ
- 55 to +150
°C
Storage temperature
TSTG
- 55 to +150
°C


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn