Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9092-03 Datasheet(PDF) 49 Page - OKI electronic componets

Part # ML9092-03
Description  LCD Driver with Key Scanner and RAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-03 Datasheet(HTML) 49 Page - OKI electronic componets

Back Button ML9092-03 Datasheet HTML 45Page - OKI electronic componets ML9092-03 Datasheet HTML 46Page - OKI electronic componets ML9092-03 Datasheet HTML 47Page - OKI electronic componets ML9092-03 Datasheet HTML 48Page - OKI electronic componets ML9092-03 Datasheet HTML 49Page - OKI electronic componets ML9092-03 Datasheet HTML 50Page - OKI electronic componets ML9092-03 Datasheet HTML 51Page - OKI electronic componets ML9092-03 Datasheet HTML 52Page - OKI electronic componets ML9092-03 Datasheet HTML 53Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
49/66
• Rotary encoder (RE) read
D7
D6
D5
D4
D3
D2
D1
D0
Q4
Q4
Q4
Q4
Q4
Q3
Q2
Q1
The rotary encoder read instruction is used to read the count value from the rotary encoder switch input signal.
(Count values are in the 2’s complement format.)
(1) D7 to D0 (Q4 to Q1) (Count value bit)
The phase difference between the A signal and the B signal is recognized, and the value that is counted by the edge
of the signal with the slower phase is set. Count values range from negative 1000 (Q4, Q3, Q2, Q1) to positive
0111. If the count is less than negative 1000 or more than positive 0111, then it is ignored.
These bits are all reset to “0” when this instruction is executed or when the
RESET pin is pulled to a “L” level.
If counterclockwise rotation is input after the count value is incremented by clockwise rotation, then count value
will be decremented. If counterclockwise rotation is further input after the count value reaches 0000, then the
count value will change to 1111 and the count value will be decremented. (The count value will remain 1000 even
if counterclockwise rotation is further input after the count value reaches negative 1000.)
After this, if clockwise rotation is input, then the count value will be incremented. If the count value reaches 1111
and clockwise rotation is further input, then the count value will become 0000 and the count value will be
incremented. (Even if clockwise rotation is further input after the count value reaches positive 0111, the count
value will maintain 0111.)


Similar Part No. - ML9092-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9092-03 ETC2-ML9092-03 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
ML9092-03 ETC2-ML9092-03 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
LAPIS Semiconductor Co....
ML9092-03 LAPIS-ML9092-03 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner
More results

Similar Description - ML9092-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
FEDL9092-01 ETC2-FEDL9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner and RAM
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9090A OKI-ML9090A Datasheet
754Kb / 41P
   LCD Driver with Key Scanner and RAM
ML9090-01- OKI-ML9090-01- Datasheet
322Kb / 38P
   LCD Driver with Key Scanner and RAM
logo
LAPIS Semiconductor Co....
ML9092-01 LAPIS-ML9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner
logo
Holtek Semiconductor In...
HT16LK24 HOLTEK-HT16LK24 Datasheet
2Mb / 67P
   RAM Mapping 67횞4/63횞8 LCD Driver with Key Scan
logo
New Japan Radio
NJU6435 NJRC-NJU6435 Datasheet
447Kb / 16P
   DUTY LCD DRIVER WITH KEY SCAN
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
logo
Toshiba Semiconductor
TC9298F TOSHIBA-TC9298F Datasheet
806Kb / 20P
   LCD DRIVER WITH ON-CHIP KEY INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com