Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9092-02 Datasheet(PDF) 19 Page - OKI electronic componets

Part # ML9092-02
Description  LCD Driver with Key Scanner and RAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-02 Datasheet(HTML) 19 Page - OKI electronic componets

Back Button ML9092-02 Datasheet HTML 15Page - OKI electronic componets ML9092-02 Datasheet HTML 16Page - OKI electronic componets ML9092-02 Datasheet HTML 17Page - OKI electronic componets ML9092-02 Datasheet HTML 18Page - OKI electronic componets ML9092-02 Datasheet HTML 19Page - OKI electronic componets ML9092-02 Datasheet HTML 20Page - OKI electronic componets ML9092-02 Datasheet HTML 21Page - OKI electronic componets ML9092-02 Datasheet HTML 22Page - OKI electronic componets ML9092-02 Datasheet HTML 23Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
19/66
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Range
Unit
Applicable Pins
Power Supply Voltage
VDD
4.5 to 5.5
V
VDD
Voltage doubler
not used
(Contrast
adjustment used)
4.5 to 16.5
V
VOUT
Externally Input Power
Supply Voltage 1
(Applies to ML9092-01/02)
VOUT
Voltage doubler
not used & VOUT
pin connected
with V0 pin
(Contrast
adjustment not
used)
4.0 to 16.5
V
VOUT, V0
Contrast
adjustment used
4.5 to 16.5
V
VHIN
Externally Input Power
Supply Voltage 2
(Applies to ML9092-03/04)
VHIN
Contrast
adjustment not
used
(VHIN pin
connected with
V0 pin)
4.0 to 16.5
V
VHIN, V0
Bias Voltage
V0
4.0 to 16.5
V
V0
Voltage Doubler Input
Voltage
VIN
0.8VDD to VDD
V
VIN
Operating Frequency of
External Clock
fOPE
210 to 445
kHz
OSC1
Oscillation Resistance
R
VDD = 4.5 to 5.5 V
56
*1
k
OSC1, OSC2
Operating Temperature
Top
–40 to +85
°C
VSS is the reference voltage potential for all pins.
*1:
Use a resistor with an accuracy of
±2 %
OSC1
OSC2
R


Similar Part No. - ML9092-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9092-02 ETC2-ML9092-02 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
ML9092-02 ETC2-ML9092-02 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
LAPIS Semiconductor Co....
ML9092-02 LAPIS-ML9092-02 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner
More results

Similar Description - ML9092-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
FEDL9092-01 ETC2-FEDL9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner and RAM
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9090A OKI-ML9090A Datasheet
754Kb / 41P
   LCD Driver with Key Scanner and RAM
ML9090-01- OKI-ML9090-01- Datasheet
322Kb / 38P
   LCD Driver with Key Scanner and RAM
logo
LAPIS Semiconductor Co....
ML9092-01 LAPIS-ML9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner
logo
Holtek Semiconductor In...
HT16LK24 HOLTEK-HT16LK24 Datasheet
2Mb / 67P
   RAM Mapping 67횞4/63횞8 LCD Driver with Key Scan
logo
New Japan Radio
NJU6435 NJRC-NJU6435 Datasheet
447Kb / 16P
   DUTY LCD DRIVER WITH KEY SCAN
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
logo
Toshiba Semiconductor
TC9298F TOSHIBA-TC9298F Datasheet
806Kb / 20P
   LCD DRIVER WITH ON-CHIP KEY INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com