Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9092-01 Datasheet(PDF) 45 Page - OKI electronic componets

Part # ML9092-01
Description  LCD Driver with Key Scanner and RAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01 Datasheet(HTML) 45 Page - OKI electronic componets

Back Button ML9092-01 Datasheet HTML 41Page - OKI electronic componets ML9092-01 Datasheet HTML 42Page - OKI electronic componets ML9092-01 Datasheet HTML 43Page - OKI electronic componets ML9092-01 Datasheet HTML 44Page - OKI electronic componets ML9092-01 Datasheet HTML 45Page - OKI electronic componets ML9092-01 Datasheet HTML 46Page - OKI electronic componets ML9092-01 Datasheet HTML 47Page - OKI electronic componets ML9092-01 Datasheet HTML 48Page - OKI electronic componets ML9092-01 Datasheet HTML 49Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
45/66
Duty
Y register setting range
and loop range
Invalid address setting range
1/8
0 to 7 (00H to 07H)
0 to 7 (00H to 07H)
1/9
0 to 8 (00H to 08H)
0 to 8 (00H to 08H)
1/10
0 to 9 (00H to 09H)
0 to 9 (00H to 09H)
This register is reset to “0” when the
RESET pin is made low.
• Port register A (PTA) set
D7
D6
D5
D4
D3
D2
D1
D0
PTA
—: don’t care
The port register A set instruction sets the output of port A.
When the PTA bit is set to “1”, a “H” level is output from the PA0 pin of general purpose port A. In the same way,
when the PTA bit is set to “0”, a “L” level is output from the PA0 pin. If the
RESET pin is pulled to a “L” level, the
PE bit (bit D2) of the control register is reset to “0”, this register is reset to “0”, and the PA0 pin goes to high
impedance.
After the reset state is released, if the PTA bit of this register is set to “1” or “0” and then the PE bit is set to “1”, the
PA0 pin is released from its high impedance state and a “H” or “L” level that corresponds to the set status of the
PTA bit, is output from the PA0 pin.
• Port register B (PTB) set
D7
D6
D5
D4
D3
D2
D1
D0
PTB2
PTB1
PTB0
—: don’t care
The port register B set instruction sets the output of port B. (Applies to the ML9092-01/04.)
When each bit of PTB0 to PTB2 is set to “1”, the PWM signal set in the PWM0 to PWM2 registers is output from
each of the PB0 to PB2 pins of the general purpose port B. In the same way, when each bit of PTB0 to PTB2 is set
to “0”, each of the PB0 to PB2 pins are pulled to a “L” level. If the
RESET pin is pulled to a “L” level, the PE bit
(bit D2) of the control register is reset to “0”, this register is reset to “0”, and the PB0 to PB2 pins go to high
impedance.
After the reset state is released, if the a PWM value is set in the PWM0 to PWM2 registers and then the PE bit is set
to “1”, the PB0 to PB2 registers are released from their high impedance state and a PWM waveform is output.


Similar Part No. - ML9092-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
LAPIS Semiconductor Co....
ML9092-01 LAPIS-ML9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner
More results

Similar Description - ML9092-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
FEDL9092-01 ETC2-FEDL9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner and RAM
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9090A OKI-ML9090A Datasheet
754Kb / 41P
   LCD Driver with Key Scanner and RAM
ML9090-01- OKI-ML9090-01- Datasheet
322Kb / 38P
   LCD Driver with Key Scanner and RAM
logo
LAPIS Semiconductor Co....
ML9092-01 LAPIS-ML9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner
logo
Holtek Semiconductor In...
HT16LK24 HOLTEK-HT16LK24 Datasheet
2Mb / 67P
   RAM Mapping 67횞4/63횞8 LCD Driver with Key Scan
logo
New Japan Radio
NJU6435 NJRC-NJU6435 Datasheet
447Kb / 16P
   DUTY LCD DRIVER WITH KEY SCAN
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
logo
Toshiba Semiconductor
TC9298F TOSHIBA-TC9298F Datasheet
806Kb / 20P
   LCD DRIVER WITH ON-CHIP KEY INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com