Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1284A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB1284A
Description  SAW Filter 170MHz 24.0MHz BW (SMD 7.0횞5.0 mm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB1284A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB1284A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1284A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1284A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1284A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1284A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB1284A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No.3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales3@mail.taisaw.com Web: www.taisaw.com
SAW Filter 170MHz 24.0MHz BW (SMD 7.0×5.0 mm)
MODEL NO.: TB1284A
REV. NO.1
A. MAXIMUM RATING:
1. Operating temperature range: -30°C to 85°C
2. Storage temperature range:
-40°C to 85°C
3. Input Power Level : 10 dBm
4. Maximum DC Voltage : 10V
5. Moisture Sensitivity Level: Level 1(MSL1)
B. CHARACTERISTICS:
Item
Unit
Min.
Type.
Max.
Center frequency, Fc
MHz
-
170
-
Insertion Loss, IL
dB
-
11.5
13.5
1dB Bandwidth
MHz
23.50
23.95
-
40dB Bandwidth
MHz
-
31.0
32.0
Passband Ripple Fc+/- 10.5MHz
dB
-
0.5
1.0
Absolute group Delay
us
-
0.59
-
Group Delay variation Fc+/- 10.5MHz
ns
-
35
70
Attenuation (Reference level from minimum Insertion loss )
10MHz~145MHz
dB
40
45
-
195MHz~300MHz
dB
40
45
Temperature Coefficient
ppm/°C
-
-86
-
Source Impedance
Ohm
-
50
-
Load Impedance
Ohm
-
50
-
RoHS Compliant
Lead free
Lead-free soldering
Electrostatic Sensitive Device


Similar Part No. - TB1284A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1280A TAI-SAW-TB1280A Datasheet
337Kb / 7P
   SAW Filter 92.16MHz 22MHz BW (SMD 13.3횞6.5 mm)
TB1281A TAI-SAW-TB1281A Datasheet
338Kb / 7P
   SAW Filter 92.16MHz 12MHz BW (SMD 13.3횞6.5 mm)
TB1285A TAI-SAW-TB1285A Datasheet
323Kb / 8P
   SAW Filter 184.32MHz 25MHz BW (SMD 7.0횞5.0mm)
TB1286A TAI-SAW-TB1286A Datasheet
333Kb / 7P
   145MHz 41.9MHzBW SMD 5.0mm x 5.0mm SAW IF Filter
TB1289A TAI-SAW-TB1289A Datasheet
359Kb / 6P
   SAW Filter 36.86MHz 9.5MHz BW (SMD 13.3횞6.5 mm)
More results

Similar Description - TB1284A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1178A TAI-SAW-TB1178A Datasheet
149Kb / 7P
   SAW Filter 170MHz 23.45MHz BW (SMD 7.0횞5.0 mm)
TB1052A TAI-SAW-TB1052A Datasheet
309Kb / 7P
   SAW Filter 307.2MHz 62MHz BW (SMD 7.0횞5.0 mm)
TB1106A TAI-SAW-TB1106A Datasheet
100Kb / 7P
   SAW Filter 276.5MHz 40MHz BW (SMD 7.0횞5.0 mm)
TB1166A TAI-SAW-TB1166A Datasheet
117Kb / 7P
   SAW Filter 46.3MHz 21MHz BW (SMD 7.0횞5.0 mm)
TB1031A TAI-SAW-TB1031A Datasheet
297Kb / 7P
   SAW Filter 307.2MHz 41MHz BW (SMD 7.0횞5.0 mm)
TB1069A TAI-SAW-TB1069A Datasheet
168Kb / 8P
   SAW Filter 534.5MHz 0.4MHz BW (SMD 7.0횞5.0 mm)
TB1163A TAI-SAW-TB1163A Datasheet
101Kb / 7P
   SAW Filter 140MHz 13MHz BW (SMD 7.0횞5.0 mm)
TA2555A TAI-SAW-TA2555A Datasheet
473Kb / 7P
   SAW Filter 160MHz SMD 7.0횞5.0 mm (BW=8MHz)
TB1036A TAI-SAW-TB1036A Datasheet
297Kb / 6P
   SAW Filter 130.34MHz 27MHz BW (SMD 7.0횞5.0 mm)
TB1054A TAI-SAW-TB1054A Datasheet
294Kb / 7P
   SAW Filter 153.6MHz 1.23MHz BW (SMD 7.0횞5.0 mm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com