Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1263A Datasheet(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB1263A
Description  SAW Filter 112MHz 1.0MHz BW (SMD 7.0횞5.0mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB1263A Datasheet(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB1263A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1263A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1263A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1263A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1263A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB1263A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB1263A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
7
TST DCC
Release document
2. TAPE DIMENSION
Direction of Feed
H. RECOMMENDED REFLOW PROFILE:
1. Preheating shall be fixed at 150~180
for 60~90 seconds.
2. Ascending time to preheating temperature 150
shall be 30 seconds min.
3. Heating shall be fixed at 220
for 50~80 seconds and at 260
+0/
-5
peak (20~40sec).
4. Time: 2 times.


Similar Part No. - TB1263A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1261F TOSHIBA-TB1261F Datasheet
1Mb / 66P
   TOSHIBA BiCMOS INTEGRATED CIRCUIT, SILICON MONOLITHIC
TB1262F TOSHIBA-TB1262F Datasheet
1Mb / 66P
   TOSHIBA BiCMOS INTEGRATED CIRCUIT, SILICON MONOLITHIC
logo
TAI-SAW TECHNOLOGY CO.,...
TB1265A TAI-SAW-TB1265A Datasheet
383Kb / 8P
   IF SAW Filter 256MHz SMD 7.0X5.0mm
More results

Similar Description - TB1263A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1201A TAI-SAW-TB1201A Datasheet
208Kb / 7P
   SAW Filter 69.5MHz 6MHz BW (SMD 7.0횞5.0mm)
TB1279A TAI-SAW-TB1279A Datasheet
345Kb / 7P
   SAW Filter 205MHz 25MHz BW (SMD 7.0횞5.0mm)
TB1285A TAI-SAW-TB1285A Datasheet
323Kb / 8P
   SAW Filter 184.32MHz 25MHz BW (SMD 7.0횞5.0mm)
TB1290A TAI-SAW-TB1290A Datasheet
318Kb / 7P
   SAW Filter 332MHz 24MHz BW (SMD 7.0횞5.0mm)
TB1240A TAI-SAW-TB1240A Datasheet
342Kb / 7P
   SAW Filter 260MHz 60MHz BW (SMD 7.0횞5.0mm)
TB1198A TAI-SAW-TB1198A Datasheet
172Kb / 7P
   SAW Filter 156.525MHz 25kHz BW (SMD 7.0횞5.0mm)
TB1278A TAI-SAW-TB1278A Datasheet
345Kb / 7P
   SAW Filter 170MHz 25MHz BW (SMD 7.0횞5.0mm)
TB1203A TAI-SAW-TB1203A Datasheet
210Kb / 7P
   SAW Filter 63.5MHz 6MHz BW (SMD 7.0횞5.0mm)
TB1270A TAI-SAW-TB1270A Datasheet
325Kb / 7P
   SAW Filter 176MHz 60MHz BW (SMD 7.0횞5.0mm)
TB1301A TAI-SAW-TB1301A Datasheet
356Kb / 7P
   SAW Filter 498MHz 1MHz BW (SMD 7.0횞5.0mm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com