Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SD0973A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. 2SD0973A
Description  For Low-Frequency Driver Amplification
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

2SD0973A Datasheet(HTML) 1 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transistors
1
Publication date: November 2002
SJC00203CED
2SD0973A (2SD973A)
Silicon NPN epitaxial planar type
For low-frequency driver amplification
■ Features
• Low collector-emitter saturation voltage V
CE(sat)
• M type package allowing easy automatic and manual insertion as
well as stand-alone fixing to the printed circuit board.
■ Absolute Maximum Ratings T
a
= 25°C
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
60
V
Collector-emitter voltage (Base open)
VCEO
50
V
Emitter-base voltage (Collector open)
VEBO
5V
Collector current
IC
1A
Peak collector current
ICP
1.5
A
Collector power dissipation *
PC
1W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = 10 µA, IE = 060
V
Collector-emitter voltage (Base open)
VCEO
IC = 2 mA, IB = 050
V
Emitter-base voltage (Collector open)
VEBO
IE
= 10 µA, I
C
= 05
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 20 V, IE = 0
0.1
µA
Forward current transfer ratio *
1
hFE1 *
2
VCE = 10 V, IC = 500 mA
85
340
hFE2
VCE = 5 V, IC = 1 A
50
Collector-emitter saturation voltage *
1
VCE(sat)
IC = 500 mA, IB = 50 mA
0.2
0.4
V
Base-emitter saturation voltage *
1
VBE(sat)
IC = 500 mA, IB = 50 mA
0.85
1.2
V
Transition frequency
fT
VCB
= 10 V, I
E
= −50 mA, f = 200 MHz
200
MHz
Collector output capacitance
Cob
VCB
= 10 V, I
E
= 0, f = 1 MHz
20
30
pF
(Common base, input open circuited)
■ Electrical Characteristics T
a = 25°C ± 3°C
Unit: mm
6.9±0.1
2.5±0.1
(1.0)
(1.5)
(0.85)
0.45±0.05
0.55±0.1
(2.5)
(2.5)
21
3
R 0.7
R 0.9
(1.5)
1: Base
2: Collector
3: Emitter
M-A1 Package
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *1: Pulse measurement
*2: Rank classification
Note) *: Printed circuit board: Copper foil area of 1 cm2 or more, and the
board thickness of 1.7 mm for the collector portion
Note) The part number in the parenthesis shows conventional part number.
Rank
Q
R
S
hFE1
85 to 170
120 to 240
170 to 340


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn