Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SSR21NVS-M031500 Datasheet(PDF) 4 Page - Kemet Corporation

Part No. SSR21NVS-M031500
Description  Common Mode SSR Coils, 21NVS-M/NHS-M, Wide Range Impedance Type
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

SSR21NVS-M031500 Datasheet(HTML) 4 Page - Kemet Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0047_SSR21NVS-M_NHS-M • 7/23/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
AC Line Filters – Common Mode SSR Coils, 21NVS-M/NHS-M, Wide Range Impedance Type
Table 1 – Ratings & Part Number Reference
Part Number
Rated Current
AC (A)
Inductance (mH)
Minimum
DC Resistance/
Line (Ω)
Maximum
Temperature
Rise (K)
Maximum
Wire Diameter
(mm)
Weight (g)
Approximate
SSR21NHS-M031500
0.3
150.0
2.70
40
0.20
13.0
SSR21NVS-M031500
0.3
150.0
2.70
40
0.20
14.5
SSR21NHS-M041350
0.4
135.0
2.00
40
0.23
13.0
SSR21NVS-M041350
0.4
135.0
2.00
40
0.23
14.5
SSR21NHS-M051200
0.5
120.0
1.85
60
0.23
13.0
SSR21NVS-M051200
0.5
120.0
1.85
60
0.23
14.5
SSR21NHS-M06890
0.6
89.0
1.35
60
0.25
13.0
SSR21NVS-M06890
0.6
89.0
1.35
60
0.25
14.5
SSR21NHS-M07680
0.7
68.0
0.95
60
0.28
13.0
SSR21NVS-M07680
0.7
68.0
0.95
60
0.28
14.5
SSR21NHS-M08475
0.8
47.5
0.68
60
0.30
13.0
SSR21NVS-M08475
0.8
47.5
0.68
60
0.30
14.5
SSR21NHS-M10345
1.0
34.5
0.51
60
0.32
13.0
SSR21NVS-M10345
1.0
34.5
0.51
60
0.32
14.5
SSR21NHS-M12220
1.2
22.0
0.35
60
0.35
13.0
SSR21NVS-M12220
1.2
22.0
0.35
60
0.35
14.5
SSR21NHS-M15164
1.5
16.4
0.23
60
0.40
13.0
SSR21NVS-M15164
1.5
16.4
0.23
60
0.40
14.5
SSR21NHS-M18125
1.8
12.5
0.19
60
0.40
13.0
SSR21NVS-M18125
1.8
12.5
0.19
60
0.40
14.5
SSR21NHS-M20103
2.0
10.3
0.15
60
0.45
13.0
SSR21NVS-M20103
2.0
10.3
0.15
60
0.45
14.5
SSR21NHS-M25064
2.5
6.4
0.09
60
0.50
13.0
SSR21NVS-M25064
2.5
6.4
0.09
60
0.50
14.5
SSR21NHS-M30041
3.0
4.1
0.07
60
0.55
13.0
SSR21NVS-M30041
3.0
4.1
0.07
60
0.55
14.5
Performance Characteristics
Item
Performance Characteristics
Rated Voltage
250 VAC
Withstanding Voltage
2,400 VAC (2 seconds, between lines)
Insulation Resistance
>100MΩat500VDC(betweenlines)
Rated Current AC Range
0.3 – 3.0 A
Rated Inductance Range
4.1 – 150.0 mH minimum
Inductance Measurement Condition
10 kHz
Thermal Class
E(120°C)
Operating Temperature Range
−25°Cto+120°C(includeselftemperaturerise)
Inductance Measurement Condition
at 10 kHz


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn